Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 212 page
background image
148
4109J–8051–10/06
AT8xC51SND1C
When the AT8xC51SND1C is the only slave on the bus, it can be useful not to use SS pin and
get it back to I/O functionality. This is achieved by setting SSDIS bit in SPCON. This bit has no
effect when CPHA is cleared (see Section "SS Management", page 149).
Figure 18-4. SPI Slave Mode Block Diagram
Note:
1. MSTR bit in SPCON is cleared to select slave mode.
18.1.3
Bit Rate
The bit rate can be selected from seven predefined bit rates using the SPR2, SPR1 and SPR0
control bits in SPCON according to Table 121. These bit rates are derived from the peripheral
clock (F
PER) issued from the Clock Controller block as detailed in Section "Oscillator", page 12.
Table 121. Serial Bit Rates
Notes:
1. These frequencies are achieved in X1 mode, F
PER = FOSC ÷ 2.
2. These frequencies are achieved in X2 mode, FPER = FOSC.
18.1.4
Data Transfer
The Clock Polarity bit (CPOL in SPCON) defines the default SCK line level in idle state(1) while
the Clock Phase bit (CPHA in SPCON) defines the edges on which the input data are sampled
and the edges on which the output data are shifted (see Figure 18-5 and Figure 18-6). The SI
signal is output from the selected slave and the SO signal is the output from the master. The
AT8xC51SND1C captures data from the SI line while the selected slave captures data from the
SO line.
MISO/P4.2
MOSI/P4.1
SS/P4.3
SPIF
SPSTA.7
CPOL
SPCON.3
CPHA
SPCON.2
8-bit Shift Register
SPDAT WR
IQ
SPDAT RD
SCK/P4.2
SSDIS
SPCON.5
Control and Clock Logic
SPR2
SPR1
SPR0
Bit Rate (kHz) Vs FPER
FPER Divider
6 MHz
(1)
8 MHz
(1)
10 MHz
(1)
12 MHz
(2)
16 MHz
(2)
20 MHz
(2)
0
0
0
3000
4000
5000
6000
8000
10000
2
0
0
1
1500
2000
2500
3000
4000
5000
4
0
1
0
750
1000
1250
1500
2000
2500
8
0
1
1
375
500
625
750
1000
1250
16
1
0
0
187.5
250
312.5
375
500
625
32
1
0
1
93.75
125
156.25
187.5
250
312.5
64
1
1
0
46.875
62.5
78.125
93.75
125
156.25
128
1
1
1
6000
8000
10000
12000
16000
20000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com