Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 144 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 140Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 141Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 142Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 212 page
background image
144
4109J–8051–10/06
AT8xC51SND1C
SADDR (S:A9h) – Slave Individual Address Register
Reset Value = 0000 0000b
Table 118. SADEN Register
SADEN (S:B9h) – Slave Individual Address Mask Byte Register
Reset Value = 0000 0000b
Table 119. BDRCON Register
BDRCON (S:92h) – Baud Rate Generator Control Register
Reset Value = XXX0 0000b
7654
3210
SAD7
SAD6
SAD5
SAD4
SAD3
SAD2
SAD1
SAD0
Bit
Number
Bit
Mnemonic
Description
7 - 0
SAD7:0
Slave Individual Address
7654
3210
SAE7
SAE6
SAE5
SAE4
SAE3
SAE2
SAE1
SAE0
Bit
Number
Bit
Mnemonic
Description
7 - 0
SAE7:0
Slave Address Mask Byte
7654
3210
-
-
-
BRR
TBCK
RBCK
SPD
M0SRC
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
4BRR
Baud Rate Run Bit
Set to enable the baud rate generator.
Clear to disable the baud rate generator.
3TBCK
Transmission Baud Rate Selection Bit
Set to select the baud rate generator as transmission baud rate generator.
Clear to select the Timer 1 as transmission baud rate generator.
2RBCK
Reception Baud Rate Selection Bit
Set to select the baud rate generator as reception baud rate generator.
Clear to select the Timer 1 as reception baud rate generator.
1SPD
Baud Rate Speed Bit
Set to select high speed baud rate generation.
Clear to select low speed baud rate generation.
0M0SRC
Mode 0 Baud Rate Source Bit
Set to select the variable baud rate generator in Mode 0.
Clear to select fixed baud rate in Mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com