Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 139Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 140Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 141Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 142Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 212 page
background image
141
4109J–8051–10/06
AT8xC51SND1C
17.6.2
Broadcast Address
A broadcast address is formed from the logical OR of the SADDR and SADEN registers with
zeros defined as don’t-care bits, e.g.:
SADDR = 0101 0110b
SADEN = 1111 1100b
(SADDR | SADEN)=1111 111Xb
The use of don’t-care bits provides flexibility in defining the broadcast address, however in most
applications, a broadcast address is FFh.
The following is an example of using broadcast addresses:
Slave A:SADDR = 1111 0001b
SADEN = 1111 1010b
Given = 1111 1X11b,
Slave B:SADDR = 1111 0011b
SADEN = 1111 1001b
Given = 1111 1X11b,
Slave C:SADDR = 1111 0010b
SADEN = 1111 1101b
Given = 1111 1111b,
For slaves A and B, bit 2 is a don’t care bit; for slave C, bit 2 is set. To communicate with all of
the slaves, the master must send the address FFh.
To communicate with slaves A and B, but not slave C, the master must send the address FBh.
17.6.3
Reset Address
On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast
addresses are XXXX XXXXb (all don’t care bits). This ensures that the Serial Port is backwards
compatible with the 80C51 microcontrollers that do not support automatic address recognition.
17.7
Interrupt
The Serial I/O Port handles 2 interrupt sources that are the “end of reception” (RI in SCON) and
“end of transmission” (TI in SCON) flags. As shown in Figure 17-16 these flags are combined
together to appear as a single interrupt source for the C51 core. Flags must be cleared by soft-
ware when executing the serial interrupt service routine.
The serial interrupt is enabled by setting ES bit in IEN0 register. This assumes interrupts are glo-
bally enabled by setting EA bit in IEN0 register.
Depending on the selected mode and weather the framing error detection is enabled or dis-
abled, RI flag is set during the stop bit or during the ninth bit as detailed in Figure 17-17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com