Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 139Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 140Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 141Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 142Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 212 page
background image
140
4109J–8051–10/06
AT8xC51SND1C
17.6
Automatic Address Recognition
The automatic address recognition feature is enabled when the multiprocessor communication
feature is enabled (SM2 bit in SCON register is set).
Implemented in hardware, automatic address recognition enhances the multiprocessor commu-
nication feature by allowing the Serial Port to examine the address of each incoming command
frame. Only when the Serial Port recognizes its own address, the receiver sets RI bit in SCON
register to generate an interrupt. This ensures that the CPU is not interrupted by command
frames addressed to other devices.
If desired, the automatic address recognition feature in mode 1 may be enabled. In this configu-
ration, the stop bit takes the place of the ninth data bit. Bit RI is set only when the received
command frame address matches the device’s address and is terminated by a valid stop bit.
To support automatic address recognition, a device is identified by a given address and a broad-
cast address.
Note:
The multiprocessor communication and automatic address recognition features cannot be
enabled in mode 0 (i.e, setting SM2 bit in SCON register in mode 0 has no effect).
17.6.1
Given Address
Each device has an individual address that is specified in SADDR register; the SADEN register
is a mask Byte that contains don’t care bits (defined by zeros) to form the device’s given
address. The don’t care bits provide the flexibility to address one or more slaves at a time. The
following example illustrates how a given address is formed.
To address a device by its individual address, the SADEN mask Byte must be 1111 1111b.
For example:
SADDR = 0101 0110b
SADEN = 1111 1100b
Given = 0101 01XXb
The following is an example of how to use given addresses to address different slaves:
Slave A:SADDR = 1111 0001b
SADEN = 1111 1010b
Given = 1111 0X0Xb
Slave B:SADDR = 1111 0011b
SADEN = 1111 1001b
Given = 1111 0XX1b
Slave C:SADDR = 1111 0011b
SADEN = 1111 1101b
Given = 1111 00X1b
The SADEN Byte is selected so that each slave may be addressed separately.
For slave A, bit 0 (the LSB) is a don’t-care bit; for slaves B and C, bit 0 is a 1. To communicate
with slave A only, the master must send an address where bit 0 is clear (e.g. 1111 0000B).
For slave A, bit 1 is a 0; for slaves B and C, bit 1 is a don’t care bit. To communicate with slaves
A and B, but not slave C, the master must send an address with bits 0 and 1 both set (e.g.
1111 0011B
).
To communicate with slaves A, B and C, the master must send an address with bit 0 set, bit 1
clear, and bit 2 clear (e.g. 1111 0001B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com