Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 59Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 60Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 61Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 62Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 63Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 64Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 65Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 66Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 212 page
background image
63
4109J–8051–10/06
AT8xC51SND1C
12. MP3 Decoder
The AT8xC51SND1C implement a MPEG I/II audio layer 3 decoder better known as MP3
decoder.
In MPEG I (ISO 11172-3) three layers of compression have been standardized supporting three
sampling frequencies: 48, 44.1, and 32 kHz. Among these layers, layer 3 allows highest com-
pression rate of about 12:1 while still maintaining CD audio quality. For example, 3 minutes of
CD audio (16-bit PCM, 44.1 kHz) data, which needs about 32M bytes of storage, can be
encoded into only 2.7M bytes of MPEG I audio layer 3 data.
In MPEG II (ISO 13818-3), three additional sampling frequencies: 24, 22.05, and 16 kHz are
supported for low bit rates applications.
The AT8xC51SND1C can decode in real-time the MPEG I audio layer 3 encoded data into a
PCM audio data, and also supports MPEG II audio layer 3 additional frequencies.
Additional features are supported by the AT8xC51SND1C MP3 decoder such as volume control,
bass, medium, and treble controls, bass boost effect and ancillary data extraction.
12.1
Decoder
12.1.1
Description
The C51 core interfaces to the MP3 decoder through nine special function registers: MP3CON,
the MP3 Control register (see Table 62); MP3STA, the MP3 Status register (see Table 63);
MP3DAT, the MP3 Data register (see Table 64); MP3ANC, the Ancillary Data register (see
Table 66); MP3VOL and MP3VOR, the MP3 Volume Left and Right Control registers (see
Table 67 and Table 68); MP3BAS, MP3MED, and MP3TRE, the MP3 Bass, Medium, and Treble
Control registers (see Table 69, Table 70, and Table 71); and MPCLK, the MP3 Clock Divider
register (see Table 72).
Figure 12-1 shows the MP3 decoder block diagram.
Figure 12-1. MP3 Decoder Block Diagram
12.1.2
MP3 Data
The MP3 decoder does not start any frame decoding before having a complete frame in its input
buffer(1). In order to manage the load of MP3 data in the frame buffer, a hardware handshake
MPEN
MP3CON.7
MP3
CLOCK
Audio Data
From C51
1K Bytes
8
MPxREQ
MP3STA1.n
Header Checker
Stereo Processor
Huffman Decoder
IMDCT
Side Information
ERRxxx
MP3STA.5:3
16
Sub-band
Synthesis
Decoded Data
To Audio Interface
Anti-Aliasing
MPFS1:0
MP3STA.2:1
Dequantizer
MPVER
MP3STA.0
MPBBST
MP3CON.6
MP3VOL
MP3VOR
MP3BAS
MP3MED
MP3TRE
Ancillary Buffer
MP3ANC
Frame Buffer
MP3DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com