Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 24Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 25Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 26Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 27Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 28Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 29Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 30Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 31Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
28
4109J–8051–10/06
AT8xC51SND1C
in standard mode or 6 oscillator clock periods in X2 mode. For further information on X2 mode,
refer to the Section “X2 Feature”, page 12.
Slow peripherals can be accessed by stretching the read and write cycles. This is done using the
M0 bit in AUXR register. Setting this bit changes the width of the RD and WR signals from 3 to
15 CPU clock periods.
For simplicity, Figure 11 and Figure 12 depict the bus cycle waveforms in idealized form and do
not provide precise timing information. For bus cycle timing parameters refer to the Section “AC
Characteristics”.
Figure 11. External Data Read Waveforms
Notes:
1. RD signal may be stretched using M0 bit in AUXR register.
2. When executing MOVX @Ri instruction, P2 outputs SFR content.
3. When executing MOVX @DPTR instruction, if DPHDIS is set (Page Access Mode), P2 out-
puts SFR content instead of DPH.
Figure 12. External Data Write Waveforms
Notes:
1. WR signal may be stretched using M0 bit in AUXR register.
2. When executing MOVX @Ri instruction, P2 outputs SFR content.
3. When executing MOVX @DPTR instruction, if DPHDIS is set (Page Access Mode), P2 out-
puts SFR content instead of DPH.
6.3
Dual Data Pointer
6.3.1
Description
The AT8xC51SND1C implement a second data pointer for speeding up code execution and
reducing code size in case of intensive usage of external memory accesses.
ALE
P0
P2
RD
(1)
DPL or Ri
D7:0
DPH or P2(2),(3)
P2
CPU Clock
ALE
P0
P2
WR
(1)
DPL or Ri
D7:0
P2
CPU Clock
DPH or P2
(2),(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com