Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 19Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 20Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 21Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 22Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 23Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 24Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 25Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 26Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 212 page
background image
7
4109J–8051–10/06
AT8xC51SND1C
Reset Value = XXXX 00X0b
Note:
1. ENBOOT bit is only available in AT89C51SND1C product.
6.8
Hardware Bytes
Table 23. HSB Byte – Hardware Security Byte
Reset Value = XXUU UXXX, UUUU UUUU after an hardware full chip erase.
Note:
1. X2B initializes the X2 bit in CKCON during the reset phase.
2. In order to ensure boot loader activation at first power-up, AT89C51SND1C products are deliv-
ered with BLJB programmed.
3. Bits 0 to 3 (LSN) can only be programmed by hardware mode.
3GF3
General Flag
This bit is a general-purpose user flag.
20
Always Zero
This bit is stuck to logic 0 to allow INC AUXR1 instruction without affecting GF3
flag.
1-
Reserved for Data Pointer Extension.
0DPS
Data Pointer Select Bit
Set to select second data pointer: DPTR1.
Clear to select first data pointer: DPTR0.
Bit
Number
Bit
Mnemonic
Description
7654
3210
X2B
BLJB
-
-
-
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7X2B
(1)
X2 Bit
Program this bit to start in X2 mode.
Unprogram (erase) this bit to start in standard mode.
6BLJB
(2)
Boot Loader Jump Bit
Program this bit to execute the boot loader at address F000h on next reset.
Unprogram (erase) this bit to execute user’s application at address 0000h on
next reset.
5 - 4
-
Reserved
The value read from these bits is always unprogrammed. Do not program these
bits.
3-
Reserved
The value read from this bit is always unprogrammed. Do not program this bit.
2 - 0
LB2:0
Hardware Lock Bits
Refer to for bits description.
Table 24. SBV Byte – Software Boot Vector
7654
3210
ADD15
ADD14
ADD13
ADD12
ADD11
ADD10
ADD9
ADD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com