Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 66Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 67Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 68Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 69Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 70Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 71Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 72Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 73Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
70
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0001b
Table 64. MP3DAT Register
MP3DAT (S:ACh) – MP3 Data Register
Reset Value = 0000 0000b
Table 65. MP3STA1 Register
MP3STA1 (S:AFh) – MP3 Decoder Status Register 1
Reset Value = 0001 0001b
Table 66. MP3ANC Register
MP3ANC (S:ADh Read Only) – MP3 Ancillary Data Register
2 - 1
MPFS1:0
Frequency Sampling Bits
Refer to Table 61 for bits description.
0
MPVER
MPEG Version Bit
Set by the MP3 decoder when the loaded frame is a MPEG I frame.
Cleared by the MP3 decoder when the loaded frame is a MPEG II frame.
7654
3210
MPD7
MPD6
MPD5
MPD4
MPD3
MPD2
MPD1
MPD0
Bit
Number
Bit
Mnemonic
Description
7 - 0
MPD7:0
Input Stream Data Buffer
8-bit MP3 stream data input buffer.
7654
3210
-
-
-
MPFREQ
MPFREQ
---
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4MPFREQ
MP3 Frame Data Request Flag
Set by hardware when MP3 decoder request data.
Cleared when MP3 decoder no more request data .
3MPBREQ
MP3 Byte Data Request Flag
Set by hardware when MP3 decoder request data.
Cleared when writing to MP3DAT.
2 - 0
-
Reserved
The value read from these bits is always 0. Do not set these bits.
7654
3210
AND7
AND6
AND5
AND4
AND3
AND2
AND1
AND0
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com