Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 54Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 55Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 56Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 57Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 58Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 59Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 60Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 61Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 212 page
background image
58
4109J–8051–10/06
AT8xC51SND1C
Notes:
1. Reloaded from TH1 at overflow.
2. Reloaded from TH0 at overflow.
Reset Value = 0000 0000b
Table 52. TH0 Register
TH0 (S:8Ch) – Timer 0 High Byte Register
Reset Value = 0000 0000b
Table 53. TL0 Register
TL0 (S:8Ah) – Timer 0 Low Byte Register
Bit
Number
Bit
Mnemonic Description
7GATE1
Timer 1 Gating Control Bit
Clear to enable Timer 1 whenever TR1 bit is set.
Set to enable Timer 1 only while INT1 pin is high and TR1 bit is set.
6C/T1#
Timer 1 Counter/Timer Select Bit
Clear for Timer operation: Timer 1 counts the divided-down system clock.
Set for Counter operation: Timer 1 counts negative transitions on external pin T1.
5M11
Timer 1 Mode Select Bits
M11M01Operating mode
0 0 Mode 0: 8-bit Timer/Counter (TH1) with 5-bit prescaler (TL1).
0 1 Mode 1: 16-bit Timer/Counter.
1 0 Mode 2: 8-bit auto-reload Timer/Counter (TL1).(1)
1 1 Mode 3: Timer 1 halted. Retains count.
4M01
3GATE0
Timer 0 Gating Control Bit
Clear to enable Timer 0 whenever TR0 bit is set.
Set to enable Timer/Counter 0 only while INT0 pin is high and TR0 bit is set.
2C/T0#
Timer 0 Counter/Timer Select Bit
Clear for Timer operation: Timer 0 counts the divided-down system clock.
Set for Counter operation: Timer 0 counts negative transitions on external pin T0.
1
M10
Timer 0 Mode Select Bit
M10M00Operating mode
0 0Mode 0: 8-bit Timer/Counter (TH0) with 5-bit prescaler (TL0).
0 1Mode 1: 16-bit Timer/Counter.
1 0Mode 2: 8-bit auto-reload Timer/Counter (TL0).
(2)
1 1Mode 3: TL0 is an 8-bit Timer/Counter.
TH0 is an 8-bit Timer using Timer 1’s TR0 and TF0 bits.
0
M00
7654
3210
--------
Bit
Number
Bit
Mnemonic
Description
7:0
High Byte of Timer 0
7654
3210
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com