Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 32Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 33Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 34Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 35Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 36Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 37Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 38Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 39Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 212 page
background image
36
4109J–8051–10/06
AT8xC51SND1C
Table 32. Serial I/O Port SFRs
Mnemonic
Add
Name
76543210
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
BDRCON
92h
Baud Rate Control
BRR
TBCK
RBCK
SPD
SRC
BRL
91h
Baud Rate Reload
Table 33. SPI Controller SFRs
Mnemonic
Add
Name
76543210
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
-
MODF
-
-
-
-
SPDAT
C5h
SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Table 34. Two Wire Controller SFRs
Mnemonic
Add
Name
76543210
SSCON
93h
Synchronous Serial Control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSSTA
94h
Synchronous Serial Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial Data
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
SSADR
96h
Synchronous Serial Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC
Table 35. Keyboard Interface SFRs
Mnemonic
Add
Name
76543210
KBCON
A3h
Keyboard Control
KINL3
KINL2
KINL1
KINL0
KINM3
KINM2
KINM1
KINM0
KBSTA
A4h
Keyboard Status
KPDE
-
-
-
KINF3
KINF2
KINF1
KINF0
Table 36. A/D Controller SFRs
Mnemonic
Add
Name
76543210
ADCON
F3h
ADC Control
-
ADIDL
ADEN
ADEOC
ADSST
-
-
ADCS
ADCLK
F2h
ADC Clock Divider
-
-
-
ADCD4
ADCD3
ADCD2
ADCD1
ADCD0
ADDL
F4h
ADC Data Low Byte
------
ADAT1
ADAT0
ADDH
F5h
ADC Data High Byte
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com