Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 78Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 79Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 80Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 81Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 83Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 84Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 85Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
82
4109J–8051–10/06
AT8xC51SND1C
•
Bit stuffing and unstuffing.
•
CRC generation and checking.
•
ACKs and NACKs automatic generation.
•
TOKEN type identifying.
•
Address checking.
•
Clock recovery (using DPLL).
Figure 14-4. SIE Block Diagram
14.1.3
Function Interface Unit (UFI)
The Function Interface Unit provides the interface between the AT8xC51SND1C and the SIE. It
manages transactions at the packet level with minimal intervention from the device firmware,
which reads and writes the endpoint FIFOs.
Figure 14-6 shows typical USB IN and OUT transactions reporting the split in the hardware (UFI)
and software (C51) load.
8
Start of Packet
Detector
Clock
Recover
SYNC Detector
PID Decoder
Address Decoder
Serial to Parallel
Converter
CRC5 & CRC16
Generator/Check
USB Pattern Generator
Parallel to Serial Converter
Bit Stuffing
NRZI Converter
CRC16 Generator
NRZI ‘ NRZ
Bit Unstuffing
Packet Bit Counter
End of Packet
Detector
USB
CLOCK
48 MHz
SysClk
Data In
D+
D-
(12 MHz)
8
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com