Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 41Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 42Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 43Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 44Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 45Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 46Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 47Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 48Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 212 page
background image
45
4109J–8051–10/06
AT8xC51SND1C
Table 45. IPL0 Register
IPL0 (S:B8h) - Interrupt Priority Low Register 0
Reset Value = X000 0000b
8.3.0.3
Table 46. IPL1 Register
IPL1 (S:B2h) – Interrupt Priority Low Register 1
7654
3210
-
IPLAUD
IPLMP3
IPLS
IPLT1
IPLX1
IPLT0
IPLX0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6IPLAUD
Audio Interface Interrupt Priority Level LSB
Refer to Table 39 for priority level description.
5IPLMP3
MP3 Decoder Interrupt Priority Level LSB
Refer to Table 39 for priority level description.
4IPLS
Serial Port Interrupt Priority Level LSB
Refer to Table 39 for priority level description.
3IPLT1
Timer 1 Interrupt Priority Level LSB
Refer to Table 39 for priority level description.
2IPLX1
External Interrupt 1 Priority Level LSB
Refer to Table 39 for priority level description.
1IPLT0
Timer 0 Interrupt Priority Level LSB
Refer to Table 39 for priority level description.
0IPLX0
External Interrupt 0 Priority Level LSB
Refer to Table 39 for priority level description.
7654
3210
-
IPLUSB
-
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com