Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 8Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 9Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 10Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 11Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 12Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 13Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 14Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 15Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 212 page
background image
12
4109J–8051–10/06
AT8xC51SND1C
5.
Clock Controller
The AT8xC51SND1C clock controller is based on an on-chip oscillator feeding an on-chip Phase
Lock Loop (PLL). All internal clocks to the peripherals and CPU core are generated by this
controller.
5.1
Oscillator
The AT8xC51SND1C X1 and X2 pins are the input and the output of a single-stage on-chip
inverter (see Figure 5-1) that can be configured with off-chip components such as a Pierce oscil-
lator (see Figure 5-2). Value of capacitors and crystal characteristics are detailed in the
Section “DC Characteristics”, page 163.
The oscillator outputs three different clocks: a clock for the PLL, a clock for the CPU core, and a
clock for the peripherals as shown in Figure 5-1. These clocks are either enabled or disabled,
depending on the power reduction mode as detailed in the section “Power Management” on
page 47. The peripheral clock is used to generate the Timer 0, Timer 1, MMC, ADC, SPI, and
Port sampling clocks.
Figure 5-1.
Oscillator Block Diagram and Symbol
Figure 5-2.
Crystal Connection
5.2
X2 Feature
Unlike standard C51 products that require 12 oscillator clock periods per machine cycle, the
AT8xC51SND1C need only 6 oscillator clock periods per machine cycle. This feature called the
“X2 feature” can be enabled using the X2 bit(1) in CKCON (see Table 16) and allows the
AT8xC51SND1C to operate in 6 or 12 oscillator clock periods per machine cycle. As shown in
Figure 5-1, both CPU and peripheral clocks are affected by this feature. Figure 5-3 shows the X2
mode switching waveforms. After reset the standard mode is activated. In standard mode the
CPU and peripheral clock frequency is the oscillator frequency divided by 2 while in X2 mode, it
X1
X2
PD
PCON.1
IDL
PCON.0
Peripheral
CPU Core
0
1
X2
CKCON.0
÷ 2
PER
CLOCK
Clock
Clock
Peripheral Clock Symbol
CPU
CLOCK
CPU Core Clock Symbol
OSC
CLOCK
Oscillator Clock Symbol
Oscillator
Clock
VSS
X1
X2
Q
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com