Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 75Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 76Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 77Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 78Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 79Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 80Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 81Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 212 page
background image
79
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 1100 0000b
Table 77. AUDDAT Register
AUDDAT (S:9Dh) – Audio Interface Data Register
Reset Value = 1111 1111b
Table 78. AUDCLK Register
AUDCLK (S:ECh) – Audio Clock Divider Register
Reset Value = 0000 0000b
Bit
Number
Bit
Mnemonic
Description
7SREQ
Audio Sample Request Flag
Set in C51 audio source mode when the audio interface request samples (buffer
half empty). This bit generates an interrupt if not masked and if enabled in IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
6UDRN
Audio Sample Under-run Flag
Set in C51 audio source mode when the audio interface runs out of samples
(buffer empty). This bit generates an interrupt if not masked and if enabled in
IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
5
AUBUSY
Audio Interface Busy Bit
Set in C51 audio source mode when the audio interface can not accept more
sample (buffer full).
Cleared by hardware when buffer is no more full.
4 - 0
-
Reserved
The value read from these bits is always 0. Do not set these bits.
7654
3210
AUD7
AUD6
AUD5
AUD4
AUD3
AUD2
AUD1
AUD0
Bit
Number
Bit
Mnemonic
Description
7 - 0
AUD7:0
Audio Data
8-bit sampling data for voice or sound playing.
7654
3210
-
-
-
AUCD4
AUCD3
AUCD2
AUCD1
AUCD0
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4 - 0
AUCD4:0
Audio Clock Divider
5-bit divider for audio clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com