Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 95Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 96Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 97Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 98Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 99Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 100Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 101Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 102Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 212 page
background image
99
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 82. USBINT Register
USBINT (S:BDh) – USB Global Interrupt Register
Reset Value = 0000 0000b
Table 83. USBIEN Register
USBIEN (S:BEh) – USB Global Interrupt Enable Register
Bit
Number
Bit
Mnemonic
Description
7FEN
Function Enable Bit
Set to enable the function. The device firmware should set this bit after it has
received a USB reset and participate in the following configuration process with
the default address (FEN is reset to 0).
Cleared by hardware at power-up, should not be cleared by the device firmware
once set.
6 - 0
UADD6:0
USB Address Bits
This field contains the default address (0) after power-up or USB bus reset.
It should be written with the value set by a SET_ADDRESS request received by
the device firmware.
7654
3210
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
Bit
Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5WUPCPU
Wake Up CPU Interrupt Flag
Set by hardware when the USB controller is in SUSPEND state and is re-
activated by a non-idle signal from USB line (not by an upstream resume). This
triggers a USB interrupt when EWUPCPU is set in the USBIEN.
Cleared by software after re-enabling all USB clocks.
4
EORINT
End of Reset Interrupt Flag
Set by hardware when a End of Reset has been detected by the USB controller.
This triggers a USB interrupt when EEORINT is set in USBIEN.
Cleared by software.
3
SOFINT
Start of Frame Interrupt Flag
Set by hardware when an USB Start of Frame packet (SOF) has been properly
received. This triggers a USB interrupt when ESOFINT is set in USBIEN.
Cleared by software.
2 - 1
-
Reserved
The value read from these bits is always 0. Do not set these bits.
0SPINT
Suspend Interrupt Flag
Set by hardware when a USB Suspend (Idle bus for three frame periods: a J
state for 3 ms) is detected. This triggers a USB interrupt when ESPINT is set in
USBIEN.
Cleared by software.
7654
3210
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com