Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 67Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 68Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 69Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 70Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 71Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 72Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 73Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 74Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
71
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 67. MP3VOL Register
MP3VOL (S:9Eh) – MP3 Volume Left Control Register
Reset Value = 0000 0000b
Table 68. MP3VOR Register
MP3VOR (S:9Fh) – MP3 Volume Right Control Register
Reset Value = 0000 0000b
Table 69. MP3BAS Register
MP3BAS (S:B4h) – MP3 Bass Control Register
Reset Value = 0000 0000b
Bit
Number
Bit
Mnemonic
Description
7 - 0
AND7:0
Ancillary Data Buffer
MP3 ancillary data Byte buffer.
7654
3210
-
-
-
VOL4
VOL3
VOL2
VOL1
VOL0
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4 - 0
VOL4:0
Volume Left Value
Refer to Table 59 for the left channel volume control description.
7654
3210
-
-
-
VOR4
VOR3
VOR2
VOR1
VOR0
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4 - 0
VOR4:0
Volume Right Value
Refer to Table 59 for the right channel volume control description.
7654
3210
-
-
-
BAS4
BAS3
BAS2
BAS1
BAS0
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4 - 0
BAS4:0
Bass Gain Value
Refer to Table 60 for the bass control description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com