Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 37Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 38Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 39Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 40Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 41Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 42Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 43Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 44Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 212 page
background image
41
4109J–8051–10/06
AT8xC51SND1C
8.2
External Interrupts
8.2.1
INT1:0 Inputs
External interrupts INT0 and INT1 (INTn, n = 0 or 1) pins may each be programmed to be level-
triggered or edge-triggered, dependent upon bits IT0 and IT1 (ITn, n = 0 or 1) in TCON register
as shown in Figure 8-2. If ITn = 0, INTn is triggered by a low level at the pin. If ITn = 1, INTn is
negative-edge triggered. External interrupts are enabled with bits EX0 and EX1 (EXn, n = 0 or 1)
in IEN0. Events on INTn set the interrupt request flag IEn in TCON register. If the interrupt is
edge-triggered, the request flag is cleared by hardware when vectoring to the interrupt service
routine. If the interrupt is level-triggered, the interrupt service routine must clear the request flag
and the interrupt must be deasserted before the end of the interrupt service routine.
INT0 and INT1 inputs provide both the capability to exit from Power-down mode on low level sig-
nals as detailed in section “Exiting Power-down Mode”, page 50.
Figure 8-2.
INT1:0 Input Circuitry
8.2.2
KIN3:0 Inputs
External interrupts KIN0 to KIN3 provide the capability to connect a matrix keyboard. For
detailed information on these inputs, refer to section “Keyboard Interface”, page 178.
8.2.3
Input Sampling
External interrupt pins (INT1:0 and KIN3:0) are sampled once per peripheral cycle (6 peripheral
clock periods) (see Figure 8-3). A level-triggered interrupt pin held low or high for more than 6
peripheral clock periods (12 oscillator in standard mode or 6 oscillator clock periods in X2 mode)
guarantees detection. Edge-triggered external interrupts must hold the request pin low for at
least 6 peripheral clock periods.
Figure 8-3.
Minimum Pulse Timings
0
1
INT0/1
IT0/1
TCON.0/2
EX0/1
IEN0.0/2
INT0/1
Interrupt
Request
IE0/1
TCON.1/3
Edge-Triggered Interrupt
Level-Triggered Interrupt
1 cycle
1 cycle
> 1 Peripheral Cycle
1 cycle
> 1 Peripheral Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com