Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 73Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 74Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 75Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 76Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 77Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 78Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 79Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 80Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 212 page
background image
77
4109J–8051–10/06
AT8xC51SND1C
Figure 13-6. MP3 Mode Audio Configuration Flow
13.8
Voice or Sound Playing
In voice or sound playing mode, the operations required are to configure the PLL and the audio
interface according to the DAC selected. The audio clock is programmed to generate the 256·Fs
or 384·Fs as for the MP3 playing mode. The data flow sent by the C51 is then regulated by inter-
rupt and data is loaded 4 Bytes by 4 Bytes. Figure 13-7 shows the configuration flow of the audio
interface when in voice or sound mode.
Figure 13-7. Voice or Sound Mode Audio Flows
Note:
1. An under-run occurrence signifies that C51 core did not respond to the previous sample request interrupt. It may never
occur for a correct voice/sound generation. It is the user’s responsibility to mask it or not.
13.9
Registers
Table 74. AUDCON0 Register
AUDCON0 (S:9Ah) – Audio Interface Control Register 0
MP3 Mode
Configuration
Configure Interface
HLR = X
DSIZ = X
POL = X
JUST4:0 = XXXXXb
SRC = 0
Program Audio Clock
Enable DAC System
Clock
AUDEN = 1
Wait For
DAC Set-up Time
Enable Data Request
DRQEN = 1
Select Audio
SRC = 1
Voice/Song Mode
Configuration
Configure Interface
HLR = X
DSIZ = X
POL = X
JUST4:0 = XXXXXb
DUP1:0 = XX
Program Audio Clock
Enable DAC System
Clock
AUDEN = 1
Wait for DAC
Enable Time
Load 8 Samples in the
Audio Buffer
Enable Interrupt
Set MSREQ & MUDRN1
EAUD = 1
Audio Interrupt
Service Routine
Under-run Condition
1
Load 4 Samples in the
Audio Buffer
Sample Request?
SREQ = 1?
7654
3210
JUST4
JUST3
JUST2
JUST1
JUST0
POL
DSIZ
HLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com