Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 29Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 30Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 31Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 32Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 33Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 34Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 35Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 36Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 212 page
background image
33
4109J–8051–10/06
AT8xC51SND1C
Note:
1. FCON register is only available in AT89C51SND1C product.
IPL1
B2h
Interrupt Priority Control Low 1
-
IPLUSB
-
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC
Table 23. Interrupt SFRs (Continued)
Mnemonic
Add
Name
76543210
Table 24. Port SFRs
Mnemonic
Add
Name
76543210
P0
80h
8-bit Port 0
P1
90h
8-bit Port 1
P2
A0h
8-bit Port 2
P3
B0h
8-bit Port 3
P4
C0h
8-bit Port 4
P5
D8h
4-bit Port 5
----
Table 25. Flash Memory SFR
Mnemonic
Add
Name
76543210
FCON
(1)
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Table 26. Timer SFRs
Mnemonic
Add
Name
76543210
TCON
88h
Timer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah
Timer/Counter 0 Low Byte
TH0
8Ch
Timer/Counter 0 High Byte
TL1
8Bh
Timer/Counter 1 Low Byte
TH1
8Dh
Timer/Counter 1 High Byte
WDTRST
A6h
Watchdog Timer Reset
WDTPRG
A7h
Watchdog Timer Program
-----
WTO2
WTO1
WTO0
Table 27. MP3 Decoder SFRs
Mnemonic
Add
Name
76543210
MP3CON
AAh
MP3 Control
MPEN
MPBBST
CRCEN
MSKANC
MSKREQ
MSKLAY
MSKSYN
MSKCRC
MP3STA
C8h
MP3 Status
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
MP3STA1
AFh
MP3 Status 1
-
-
-
MPFREQ
MPBREQ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com