Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 26Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 27Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 28Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 29Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 30Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 31Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 32Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 33Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 212 page
background image
30
4109J–8051–10/06
AT8xC51SND1C
6.4
Registers
Table 18. PSW Register
PSW (S:8Eh) – Program Status Word Register
Reset Value = 0000 0000b
Table 19. AUXR Register
AUXR (S:8Eh) – Auxiliary Control Register
7654
3210
CY
AC
F0
RS1
RS0
OV
F1
P
Bit
Number
Bit
Mnemonic
Description
7CY
Carry Flag
Carry out from bit 1 of ALU operands.
6AC
Auxiliary Carry Flag
Carry out from bit 1 of addition operands.
5F0
User Definable Flag 0
4 - 3
RS1:0
Register Bank Select Bits
Refer to Table 15 for bits description.
2OV
Overflow Flag
Overflow set by arithmetic operations.
1F1
User Definable Flag 1
0P
Parity Bit
Set when ACC contains an odd number of 1’s.
Cleared when ACC contains an even number of 1’s.
765
43210
-
EXT16
M0
DPHDIS
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
EXT16
External 16-bit Access Enable Bit
Set to enable 16-bit access mode during MOVX instructions.
Clear to disable 16-bit access mode and enable standard 8-bit access mode
during MOVX instructions.
5M0
External Memory Access Stretch Bit
Set to stretch RD or WR signals duration to 15 CPU clock periods.
Clear not to stretch RD or WR signals and set duration to 3 CPU clock periods.
4
DPHDIS
DPH Disable Bit
Set to disable DPH output on P2 when executing MOVX @DPTR instruction.
Clear to enable DPH output on P2 when executing MOVX @DPTR instruction.
3 - 2
XRS1:0
Expanded RAM Size Bits
Refer to Table 16 for ERAM size description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com