Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 65Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 66Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 67Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 68Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 69Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 70Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 71Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 72Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 212 page
background image
69
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0011 1111b
Table 63. MP3STA Register
MP3STA (S:C8h Read Only) – MP3 Decoder Status Register
6
MPBBST
Bass Boost Bit
Set to enable the bass boost sound effect.
Clear to disable the bass boost sound effect.
5
CRCEN
CRC Check Enable Bit
Set to enable processing of frame that contains CRC error. Frame is played
whatever the error.
Clear to disable processing of frame that contains CRC error. Frame is skipped.
4
MSKANC
MPANC Flag Mask Bit
Set to prevent the MPANC flag from generating a MP3 interrupt.
Clear to allow the MPANC flag to generate a MP3 interrupt.
3MSKREQ
MPREQ Flag Mask Bit
Set to prevent the MPREQ flag from generating a MP3 interrupt.
Clear to allow the MPREQ flag to generate a MP3 interrupt.
2MSKLAY
ERRLAY Flag Mask Bit
Set to prevent the ERRLAY flag from generating a MP3 interrupt.
Clear to allow the ERRLAY flag to generate a MP3 interrupt.
1
MSKSYN
ERRSYN Flag Mask Bit
Set to prevent the ERRSYN flag from generating a MP3 interrupt.
Clear to allow the ERRSYN flag to generate a MP3 interrupt.
0
MSKCRC
ERRCRC Flag Mask Bit
Set to prevent the ERRCRC flag from generating a MP3 interrupt.
Clear to allow the ERRCRC flag to generate a MP3 interrupt.
7654
3210
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
Bit
Number
Bit
Mnemonic
Description
7MPANC
Ancillary Data Available Flag
Set by hardware as soon as one ancillary data is available (buffer not empty).
Cleared by hardware when no more ancillary data is available (buffer empty).
6MPREQ
MP3 Data Request Flag
Set by hardware when MP3 decoder request data.
Cleared when reading MP3STA.
5
ERRLAY
Invalid Layer Error Flag
Set by hardware when an invalid layer is encountered.
Cleared when reading MP3STA.
4
ERRSYN
Frame Synchronization Error Flag
Set by hardware when no synchronization pattern is encountered in a frame.
Cleared when reading MP3STA.
3
ERRCRC
CRC Error Flag
Set by hardware when a frame handling CRC is corrupted.
Cleared when reading MP3STA.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com