Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 46Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 47Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 48Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 49Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 50Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 51Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 52Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 53Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 212 page
background image
50
4109J–8051–10/06
AT8xC51SND1C
9.4.1
Entering Power-down Mode
To enter Power-down mode, set PD bit in PCON register. The AT8xC51SND1C enters the
Power-down mode upon execution of the instruction that sets PD bit. The instruction that sets
PD bit is the last instruction executed.
9.4.2
Exiting Power-down Mode
If V
DD was reduced during the Power-down mode, do not exit Power-down mode until VDD is
restored to the normal operating level.
There are 2 ways to exit the Power-down mode:
1.
Generate an enabled external interrupt.
–
The AT8xC51SND1C provides capability to exit from Power-down using INT0, INT1,
and KIN3:0 inputs. In addition, using KIN input provides high or low level exit
capability (see section “Keyboard Interface”, page 178).
Hardware clears PD bit in PCON register which starts the oscillator and restores the
clocks to the CPU and peripherals. Using INTn input, execution resumes when the
input is released (see Figure 9-3) while using KINx input, execution resumes after
counting 1024 clock ensuring the oscillator is restarted properly (see Figure 9-4).
This behavior is necessary for decoding the key while it is still pressed. In both
cases, execution resumes with the interrupt service routine. Upon completion of the
interrupt service routine, program execution resumes with the instruction
immediately following the instruction that activated Power-down mode.
Note:
1. The external interrupt used to exit Power-down mode must be configured as level sensitive
(
INT0 and INT1) and must be assigned the highest priority. In addition, the duration of the
interrupt must be long enough to allow the oscillator to stabilize. The execution will only
resume when the interrupt is deasserted.
2. Exit from power-down by external interrupt does not affect the SFRs nor the internal RAM
content.
Figure 9-3.
Power-down Exit Waveform Using INT1:0
Figure 9-4.
Power-down Exit Waveform Using KIN3:0
Note:
1. KIN3:0 can be high or low-level triggered.
2.
Generate a reset.
INT1:0
OSC
Power-down Phase
Oscillator Restart
Active Phase
Active phase
KIN3:0
1
OSC
Power-down
1024 clock count
Active phase
Active phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com