Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 90Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 91Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 92Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 93Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 94Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 95Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 96Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 97Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 212 page
background image
94
4109J–8051–10/06
AT8xC51SND1C
The firmware has to clear the SPINT bit in the USBINT register before any other USB operation
in order to wake up the USB controller from its Suspend mode.
The USB controller is then re-activated.
Figure 14-13. Example of a Suspend/Resume Management
14.8.3
Upstream Resume
A USB device can be allowed by the Host to send an upstream resume for Remote Wake-up
purpose.
When the USB controller receives the SET_FEATURE request: DEVICE_REMOTE_WAKEUP,
the firmware should set to 1 the RMWUPE bit in the USBCON register to enable this functional-
ity. RMWUPE value should be 0 in the other cases.
If the device is in SUSPEND mode, the USB controller can send an upstream resume by clear-
ing first the SPINT bit in the USBINT register and by setting then to 1 the SDRMWUP bit in the
USBCON register. The USB controller sets to 1 the UPRSM bit in the USBCON register. All
clocks must be enabled first. The Remote Wake is sent only if the USB bus was in Suspend
state for at least 5ms. When the upstream resume is completed, the UPRSM bit is reset to 0 by
hardware. The firmware should then clear the SDRMWUP bit.
USB Controller Init
Detection of a SUSPEND State
SPINT
Set SUSPCLK
Disable PLL
microcontroller in Power-down
Detection of a RESUME State
WUPCPU
Enable PLL
Clear SUSPCLK
Clear WUPCPU Bit
Clear SPINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com