Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 89Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 90Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 91Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 92Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 93Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 94Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 95Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 96Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 212 page
background image
93
4109J–8051–10/06
AT8xC51SND1C
Important note: when a Clear Halt Feature occurs for an endpoint, the firmware should reset this
endpoint using the UEPRST resgister in order to reset the data toggle management.
14.7.3
Start of Frame Detection
The SOFINT bit in the USBINT register is set when the USB controller detects a Start Of Frame
PID. This triggers an interrupt if enabled. The firmware should clear the SOFINT bit to allow the
next Start of Frame detection.
14.7.4
Frame Number
When receiving a Start Of Frame, the frame number is automatically stored in the UFNUML and
UFNUMH registers. The CRCOK and CRCERR bits indicate if the CRC of the last Start Of
Frame is valid (CRCOK set at 1) or corrupted (CRCERR set at 1). The UFNUML and UFNUMH
registers are automatically updated when receiving a new Start of Frame.
14.7.5
Data Toggle Bit
The Data Toggle bit is set by hardware when a DATA0 packet is received and accepted by the
USB controller and cleared by hardware when a DATA1 packet is received and accepted by the
USB controller. This bit is reset when the firmware resets the endpoint FIFO using the UEPRST
register.
For Control endpoints, each SETUP transaction starts with a DATA0 and data toggling is then
used as for Bulk endpoints until the end of the Data stage (for a control write transfer). The Sta-
tus stage completes the data transfer with a DATA1 (for a control read transfer).
For Isochronous endpoints, the device firmware should ignore the data-toggle.
14.8
Suspend/Resume Management
14.8.1
Suspend
The Suspend state can be detected by the USB controller if all the clocks are enabled and if the
USB controller is enabled. The bit SPINT is set by hardware when an idle state is detected for
more than 3 ms. This triggers a USB interrupt if enabled.
In order to reduce current consumption, the firmware can put the USB PAD in idle mode, stop
the clocks and put the C51 in Idle or Power-down mode. The Resume detection is still active.
The USB PAD is put in idle mode when the firmware clear the SPINT bit. In order to avoid a new
suspend detection 3ms later, the firmware has to disable the USB clock input using the SUSP-
CLK bit in the USBCON Register. The USB PAD automatically exits of idle mode when a wake-
up event is detected.
The stop of the 48 MHz clock from the PLL should be done in the following order:
1.
Disable of the 48 MHz clock input of the USB controller by setting to 1 the SUSPCLK bit
in the USBCON register.
2.
Disable the PLL by clearing the PLLEN bit in the PLLCON register.
14.8.2
Resume
When the USB controller is in Suspend state, the Resume detection is active even if all the
clocks are disabled and if the C51 is in Idle or Power-down mode. The WUPCPU bit is set by
hardware when a non-idle state occurs on the USB bus. This triggers an interrupt if enabled.
This interrupt wakes up the CPU from its Idle or Power-down state and the interrupt function is
then executed. The firmware will first enable the 48 MHz generation and then reset to 0 the
SUSPCLK bit in the USBCON register if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com