Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 99Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 100Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 101Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 102Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 103Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 104Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 105Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 106Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 212 page
background image
103
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 87. UEPRST Register
UEPRST (S:D5h) – USB Endpoint FIFO Reset Register
5
STALLRQ
Stall Handshake Request Bit
Set to send a STALL answer to the host for the next handshake. Clear otherwise.
4
TXRDY
TX Packet Ready Control Bit
Set after a packet has been written into the endpoint FIFO for IN data transfers.
Data should be written into the endpoint FIFO only after this bit has been cleared.
Set this bit without writing data to the endpoint FIFO to send a Zero Length
Packet, which is generally recommended and may be required to terminate a
transfer when the length of the last data packet is equal to MaxPacketSize (e.g.
for control read transfers).
Cleared by hardware, as soon as the packet has been sent for Isochronous
endpoints, or after the host has acknowledged the packet for Control, Bulk and
Interrupt endpoints.
3
STLCRC
Stall Sent Interrupt Flag/CRC Error Interrupt Flag
For Control, Bulk and Interrupt Endpoints:
Set by hardware after a STALL handshake has been sent as requested by
STALLRQ. Then, the endpoint interrupt is triggered if enabled in UEPIEN.
Cleared by hardware when a SETUP packet is received (see RXSETUP).
For Isochronous Endpoints:
Set by hardware if the last data received is corrupted (CRC error on data). Then,
the endpoint interrupt is triggered if enabled in UEPIEN.
Cleared by hardware when a non corrupted data is received.
2
RXSETUP
Received SETUP Interrupt Flag
Set by hardware when a valid SETUP packet has been received from the host.
Then, all the other bits of the register are cleared by hardware and the endpoint
interrupt is triggered if enabled in UEPIEN.
Clear by software after reading the SETUP data from the endpoint FIFO.
1
RXOUTB0
Received OUT Data Bank 0 (see also RXOUTB1 bit for Ping-pong Endpoints)
This bit is set by hardware after a new packet has been stored in the endpoint
FIFO data bank 0. Then, the endpoint interrupt is triggered if enabled and all the
following OUT packets to the endpoint bank 0 are rejected (NAK’ed) until this bit
has been cleared, excepted for Isochronous Endpoints. However, for control
endpoints, an early SETUP transaction may overwrite the content of the endpoint
FIFO, even if its Data packet is received while this bit is set.
This bit should be cleared by the device firmware after reading the OUT data
from the endpoint FIFO.
0TXCMP
Transmitted IN Data Complete Interrupt Flag
Set by hardware after an IN packet has been transmitted for Isochronous
endpoints and after it has been accepted (ACK’ed) by the host for Control, Bulk
and Interrupt endpoints. Then, the endpoint interrupt is triggered if enabled in
UEPIEN.
Clear by software before setting again TXRDY.
7654
3210
-----
EP2RST
EP1RST
EP0RST
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com