Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 168Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 169Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 170Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 171Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 172Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 173Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 174Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 175Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 212 page
background image
172
4109J–8051–10/06
AT8xC51SND1C
Reset Value = F8h
Table 134. SSDAT Register
SSDAT (S:95h) – Synchronous Serial Data Register
Reset Value = 1111 1111b
Table 135. SSADR Register
SSADR (S:96h) – Synchronous Serial Address Register
Reset Value = 1111 1110b
Bit
Number
Bit
Mnemonic
Description
7:3
SSC4:0
Synchronous Serial Status Code Bits 0 to 4
Refer to Table 126 to Table 19-6 for status description.
2:0
0
Always 0.
7654
3210
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
Bit
Number
Bit
Mnemonic
Description
7:1
SSD7:1
Synchronous Serial Address bits 7 to 1 or Synchronous Serial Data Bits 7
to 1
0SSD0
Synchronous Serial Address bit 0 (R/W) or Synchronous Serial Data Bit 0
7654
3210
SSA7
SSA6SSA5SSA4SSA3SSA2SSA1
SSGC
Bit
Number
Bit
Mnemonic
Description
7:1
SSA7:1
Synchronous Serial Slave Address Bits 7 to 1
0SSGC
Synchronous Serial General Call Bit
Set to enable the general call address recognition.
Clear to disable the general call address recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com