Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 183 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 179Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 180Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 181Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 182Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 183Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 184Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 185Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 186Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 212 page
background image
183
4109J–8051–10/06
AT8xC51SND1C
22.2.2
A to D Converter
Table 145. A to D Converter DC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
22.2.3
Oscillator & Crystal
22.2.3.1
Schematic
Figure 22-4. Crystal Connection
Note:
For operation with most standard crystals, no external components are needed on X1 and X2. It
may be necessary to add external capacitors on X1 and X2 to ground in special cases (max 10
pF). X1 and X2 may not be used to drive other circuits.
22.2.3.2
Parameters
Table 146. Oscillator & Crystal Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
AV
DD
Analog Supply Voltage
2.7
3.3
V
AIDD
Analog Operating Supply Current
600
μA
AV
DD= 3.3V
AIN1:0= 0 to AVDD
ADEN= 1
AIPD
Analog Standby Current
2
μA
AV
DD= 3.3V
ADEN= 0 or PD= 1
AV
IN
Analog Input Voltage
AV
SS
AV
DD
V
AVREF
Reference Voltage
AREFN
A
REFP
AVSS
2.4
AV
DD
V
R
REF
AREF Input Resistance
10
30
K
Ω
T
A= 25°C
C
IA
Analog Input capacitance
10
pF
T
A= 25°C
VSS
X1
X2
Q
C1
C2
Symbol
Parameter
Min
Typ
Max
Unit
C
X1
Internal Capacitance (X1 - VSS)
10
pF
C
X2
Internal Capacitance (X2 - VSS)
10
pF
C
L
Equivalent Load Capacitance (X1 - X2)
5
pF
DL
Drive Level
50
μW
F
Crystal Frequency
20
MHz
RS
Crystal Series Resistance
40
Ω
CS
Crystal Shunt Capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com