Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 116Page - NXP Semiconductors PCF5083 Datasheet HTML 117Page - NXP Semiconductors PCF5083 Datasheet HTML 118Page - NXP Semiconductors PCF5083 Datasheet HTML 119Page - NXP Semiconductors PCF5083 Datasheet HTML 120Page - NXP Semiconductors PCF5083 Datasheet HTML 121Page - NXP Semiconductors PCF5083 Datasheet HTML 122Page - NXP Semiconductors PCF5083 Datasheet HTML 123Page - NXP Semiconductors PCF5083 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 136 page
background image
1996 Oct 29
120
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Voice Port timing - non-transparent mode (see Fig.37 and note 14)
1(7)
AFS setup time to ACLK HIGH
200
−−
ns
2(7)
AFS hold time after ACLK LOW
10
−−
ns
3(7)
ADO hold time after ACLK HIGH
−
30
ns
4(7)
ADI setup time to ACLK LOW
30
−−
ns
5(7)
ADI hold time to ACLK LOW
40
−−
ns
6(7)
ACLK frequency
−−
1
MHz
7(7)
ACLK HIGH time
400
−−
ns
8(7)
ACLK LOW time
400
−−
ns
JTAG Port timing (see Fig.38)
1
TCK LOW time
35
−−
ns
2
TCK HIGH time
25
−−
ns
3
TCK cycle time
−−
10
ns
4
TMS setup time to TCK HIGH
10
−−
ns
5
TMS hold time after TCK HIGH
30
−−
ns
6
TDI setup time to TCK HIGH
5
−−
ns
7
TDI hold time after TCK HIGH
30
−−
ns
8
TDO asserted after TCK LOW
−−
60
ns
9
TDO hold time after TCK LOW
−−
60
ns
10
TDO 3-state after TCK LOW
−−
30
ns
11
TRSTN pulse width
100
−−
ns
General purpose parallel port (see Fig.39)
1
PIO data valid after CLK13M rising edge (output)
−
70
−
ns
2
PIO data setup time
−
10
−
ns
3
PIO data valid after CLK13M rising edge (input)
−
70
−
ns
All outputs
tr(7)
rise time
−−
20
ns
tf(7)
fall time
−−
20
ns
NO
PARAMETER
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com