Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 47Page - STMicroelectronics STPMIC25 Datasheet HTML 48Page - STMicroelectronics STPMIC25 Datasheet HTML 49Page - STMicroelectronics STPMIC25 Datasheet HTML 50Page - STMicroelectronics STPMIC25 Datasheet HTML 51Page - STMicroelectronics STPMIC25 Datasheet HTML 52Page - STMicroelectronics STPMIC25 Datasheet HTML 53Page - STMicroelectronics STPMIC25 Datasheet HTML 54Page - STMicroelectronics STPMIC25 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 145 page
background image
5.4.6.1
PWRCTRL delay high and delay low behaviors
PWRCTRL delay blocks are independent for each regulator. A delay block allows a PWRCTRLx signal to shift by
preprogrammed delays. Each delay block is composed of two parts (a delay high and a delay low). The first
operates at a high input level, and the second operates at a low input level.
Delay blocks are typically used to emulate power sequences between regulators when entering or leaving a low
power mode.
High level delay behavior:
When the input signal goes from low to high level, the “high level delay timer” (PWRCTRL_DLY_H[1:0]) is started.
Once the timer expires, the output goes high.
If the input signal changes from high to low before the “high level delay timer” expires, the “high level delay timer”
is stopped and reset, and the output keeps the previous value.
Low level delay behavior:
Same behavior as for the high level delay but on low level input.
When the input signal goes from high to low level, the “low level delay timer” (PWRCTRL_DLY_L[1:0]) is started.
Once the timer expires, the output goes low.
If the input signal changes from low to high before the “low level delay timer” expires, the “low level delay timer” is
stopped and reset, and the output keeps the previous value.
Note:
The "high level delay timer" and "low level delay timer" are both driven from a level (and not from an edge) to
ensure that the output is always copying the input after any delay expires.
Figure 16 illustrates this example, using the PWRCTRL2 to control the BUCK1 and the BUCK2:
Settings for the Figure 16 example:
PWRCTRL2_POL = 0; // PWRCTRL2 active low = bypass
// BUCK1 settings
BUCK1_PWRCTRL_CR[PWRCTRL_SEL[1:0]] = 2; // PWRCTRL2 as BUCK1 control source
BUCK1_PWRCTRL_CR[PWRCTRL_DLY_H[1:0]] = 0; // no delay on PWRCTRL2 going from low to high for
BUCK1
BUCK1_PWRCTRL_CR[PWRCTRL_DLY_L[1:0]] = 2; // 3 ms delay on PWRCTRL2 going from high to low for
BUCK1
BUCK1_PWRCTRL_CR[PWRCTRL_EN] = 1; // enable the PWRCTRL input feature for BUCK1
// BUCK2 settings
BUCK2_PWRCTRL_CR[PWRCTRL_SEL[1:0]] = 2; // PWRCTRL2 as BUCK2 control source
BUCK2_PWRCTRL_CR[PWRCTRL_DLY_H[1:0]] = 2; // 3 ms delay on PWRCTRL2 going from low to high for
BUCK2
BUCK2_PWRCTRL_CR[PWRCTRL_DLY_L[1:0]] = 0; // no delay on PWRCTRL2 going from high to low for
BUCK2
BUCK2_PWRCTRL_CR[PWRCTRL_EN] = 1; // enable the PWRCTRL input feature for BUCK2
Figure 16. Delay rising and delay falling behaviors example
Christophe Belet
christophe belet ST Microelectronics
Standard use case behavior
BUCK1_MAIN_CR
PWRCTRL2
BUCK1_ALT_CR
BUCK1_MAIN_CR
DELAYout
(BUCK1)
BUCK1
3 ms
DELAYout
(BUCK2)
3 ms
BUCK2_MAIN_CR
BUCK2_ALT_CR
BUCK2_MAIN_CR
BUCK2
<3 ms
3 ms
3 ms
BUCK1_ALT_
CR
BUCK1_MAIN_CR
3 ms
>3 ms
<3 ms
3 ms
3 ms
BUCK1_ALT_CR
BUCK2_MAI
N_CR
BUCK2_ALT_CR
BUCK2_ALT_CR
Corner use cases behavior
DELAYin
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 51/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com