Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 76Page - STMicroelectronics STPMIC25 Datasheet HTML 77Page - STMicroelectronics STPMIC25 Datasheet HTML 78Page - STMicroelectronics STPMIC25 Datasheet HTML 79Page - STMicroelectronics STPMIC25 Datasheet HTML 80Page - STMicroelectronics STPMIC25 Datasheet HTML 81Page - STMicroelectronics STPMIC25 Datasheet HTML 82Page - STMicroelectronics STPMIC25 Datasheet HTML 83Page - STMicroelectronics STPMIC25 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 145 page
background image
6.3.4
Watchdog control register (WDG_CR)
Table 45. WDG_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
WDG_PWRCTRL_SEL[1:0]
WDG_RST
WDG_EN
R
R
R
R
R/W
R/W
W/R0/SC
R/W
•
Address: 0x13
•
Default: 0b0000000X where X depends on the value programmed in the NVM
•
Description: Watchdog control register (see Section 5.4.10 ). This register is initialized to the default value
in the CHECK&LOAD state.
[7:4]
Reserved
[3:2]
WDG_PWRCTRL_SEL[1:0]: Watchdog suspends source selection.
00: No source (if WDG_EN = 1, watchdog timer always runs)
01: PWRCTRL1 WDG suspends control source
10: PWRCTRL2 WDG suspends control source
11: PWRCTRL3 WDG suspends control source
When the watchdog is enabled (WDG_EN = 1): if the PWRCTRLx control source is inactive, the
watchdog timer runs; if the PWRCTRLx control source is active, the watchdog timer is suspended
[1]
WDG_RST: watchdog timer reset
0: NA
1: Watchdog downcounter WDG_TMR_CNT[7:0] is reloaded with the value in
WDG_TMR_SET[7:0] (self-cleared bit)
[0]
WDG_EN: watchdog enable bit
0: watchdog is disabled
1: watchdog is enabled
Default value is defined by the NVM_WDG_EN NVM bit
STPMIC25
Register descriptions
DS14278 - Rev 3
page 80/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com