Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMIC25 Datasheet HTML 1Page - STMicroelectronics STPMIC25 Datasheet HTML 2Page - STMicroelectronics STPMIC25 Datasheet HTML 3Page - STMicroelectronics STPMIC25 Datasheet HTML 4Page - STMicroelectronics STPMIC25 Datasheet HTML 5Page - STMicroelectronics STPMIC25 Datasheet HTML 6Page - STMicroelectronics STPMIC25 Datasheet HTML 7Page - STMicroelectronics STPMIC25 Datasheet HTML 8Page - STMicroelectronics STPMIC25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
Features
•
Input voltage range from 2.8 V to 5.5 V
•
7 buck SMPS converters with adaptive constant on-time (COT) topology
•
6 adjustable general purpose LDOs
•
1 LDO for DDR3L/DDR4 termination (sink-source), bypass mode for lpDDR or
as a general purpose LDO
•
1 LDO for USB PHY supply with automatic power source detection
•
1 reference voltage VREFDDR LDO for DDR memory
•
2 MHz switching frequency buck converters with forced PWM and spread
spectrum function
•
User programmable non-volatile memory (NVM), enabling scalability to support
a wide range of applications
•
Immediate output alternate settings toggle by dedicated power control pins
•
Programmable output voltages turn ON/OFF sequences
•
I²C and digital IO control interfaces
•
WFQFN 56L (6.5 x 6.5 x 0.9 mm)
Applications
•
Power management for embedded microprocessor units
•
Wearable and IoT
•
Portable devices
•
Man-machine interfaces
•
Smart home
•
Power management unit companion chip of the STM32MP2 MPU
Description
The STPMIC25 is a fully integrated power management IC designed for the
STM32MP2x MPU's family applications requiring low power and high efficiency.
The device integrates advanced low power features controlled by a host processor
via I²C and IO interfaces.
The STPMIC25 regulators are designed to supply power to the application processor
as well as to the external system peripherals such as: DDR, flash memories, and
other system devices.
Seven buck SMPS are optimized to provide an excellent transient response and
output voltage precision for a wide range of operating conditions. Very high efficiency
in the full output load range is achieved due to low power mode (LPM) and high
power mode (HPM) selection. All the buck converters are capable of a smooth
transition from LPM to HPM. The converters use an advanced PWM phase shift
synchronization technique with integrated PLL and a programmable spread spectrum
frequency modulation to reduce EMI.
Maturity status link
STPMIC25
Device summary
Order code
STPMIC25APQR
STPMIC25BPQR
Packing
WFQFN 56L
(6.5 x 6.5 x 0.9 mm)
Highly integrated power management IC for microprocessor units
STPMIC25
Datasheet
DS14278 - Rev 3 - April 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPMIC25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
STPMIC1APQR STMICROELECTRONICS-STPMIC1APQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1BPQR STMICROELECTRONICS-STPMIC1BPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1CPQR STMICROELECTRONICS-STPMIC1CPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
More results

Similar Description - STPMIC25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Intersil Corporation
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STEVAL-PMIC1K1 STMICROELECTRONICS-STEVAL-PMIC1K1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com