Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 77Page - STMicroelectronics STPMIC25 Datasheet HTML 78Page - STMicroelectronics STPMIC25 Datasheet HTML 79Page - STMicroelectronics STPMIC25 Datasheet HTML 80Page - STMicroelectronics STPMIC25 Datasheet HTML 81Page - STMicroelectronics STPMIC25 Datasheet HTML 82Page - STMicroelectronics STPMIC25 Datasheet HTML 83Page - STMicroelectronics STPMIC25 Datasheet HTML 84Page - STMicroelectronics STPMIC25 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 145 page
background image
6.3.5
Watchdog timer control register (WDG_TMR_CR)
Table 46. WDG_TMR_CR
7
6
5
4
3
2
1
0
WDG_TMR_SET[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
W/R0
R/W
•
Address: 0x14
•
Default: 0xXX where X depends on the value programmed in NVM
•
Description: Watchdog timer control register (see Section 5.4.10 ). This register is initialized to the default
value in the CHECK&LOAD state.
[7:0]
WDG_TMR_SET[7:0]: Watchdog timer duration settings
0x00 = 1 s
0x00 = 2 s
…
0xFF= 256 s
Default value is defined by the NVM_WDG_TMR_SET[1:0] NVM bit
6.3.6
Watchdog timer status register (WDG_TMR_SR)
Table 47. WDG_TMR_SR
7
6
5
4
3
2
1
0
WDG_TMR_CNT[7:0]
R
R
R
R
R
R
R
R
•
Address: 0x15
•
Default: 0x00
•
Description: Watchdog timer status register. Watchdog downcounter providing remaining duration (in
second) before watchdog expiration.
This register is initialized to the default value in the CHECK&LOAD state.
[7:0]
WDG_TMR_CNT[7:0]: Watchdog timer downcounter
0xFF = 256 s
…
0x01 = 2 s
0x00 = 1 s
STPMIC25
Register descriptions
DS14278 - Rev 3
page 81/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com