Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 4Page - STMicroelectronics STPMIC25 Datasheet HTML 5Page - STMicroelectronics STPMIC25 Datasheet HTML 6Page - STMicroelectronics STPMIC25 Datasheet HTML 7Page - STMicroelectronics STPMIC25 Datasheet HTML 8Page - STMicroelectronics STPMIC25 Datasheet HTML 9Page - STMicroelectronics STPMIC25 Datasheet HTML 10Page - STMicroelectronics STPMIC25 Datasheet HTML 11Page - STMicroelectronics STPMIC25 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
3.3
Consumption in typical application scenarios
STPMIC25 VIN input current consumption (all supply pins connected to VIN, VIN = 3.6 V, VIO = 1.8 V (from VOUT4),
Tj = +25 °C, unless otherwise specified.
Table 6. Consumption in typical application scenarios
Application
mode
Application description
Conditions
Typ.
Unit
OFF
AP and peripherals are powered OFF,
waiting for a turn-on event to start.
PMIC in OFF state.
Turn-on from PONKEYn, WAKEUPn, and
VBUS I²C inactive.
All regulators OFF.
35 (1)
µA
STANDBY
AP is in STANDBY NO-RETENTION.
All peripherals are powered OFF.
PMIC in POWER_ON STANDBY, state IRQ from
PONKEYn, WAKEUPn, and
VBUS PWRCTRLx active.
BUCK4 ON_ LP, VOUT4=1.8 V (VDD)
LDO1ON, VLDO1OUT=1.8 V (VDD18AON)
All other regulators OFF.
All outputs without load. No activity on I²C.
120
STOP
AP is in STOP2-LPLV
(Core ON, CPU & GPU OFF)
lpDDR4 is in self-refresh.
All peripherals are powered OFF.
PMIC in POWER_ON RUN state.
IRQ from PONKEYn, WAKEUPn, and
VBUS PWRCTRLx active.
BUCK2 ON_ LP, VOUT2=0.63 V (VDDCORE)
BUCK4 ON_ LP, VOUT4=1.8 V (VDD)
BUCK5 ON_ LP, VOUT5=1.8 V (VDDA1V8)
BUCK6 ON_ LP, VOUT6=1.2 V (VDD_DDR)
LDO1 ON, VLDOOUT=1.8 V (VDD18AON)
LDO3 ON, VLDOOUT=1.8 V (VDD_DDR)
All other regulators OFF.
All outputs without load. No activity on I²C
420
RUN
Application is in RUN_IOT_UI
(Core, CPU, GPU on)
lpDDR4 is running.
PMIC in POWER_ON RUN state.
IRQ from PONKEYn, WAKEUPn, and VBUS.
PWRCTRLx active.
BUCK1 ON_HP, VOUT1=0.92 V (VDDCPU)
BUCK2 ON_ HP, VOUT2=0.85 V (VDDCORE)
BUCK3 ON_HP, VOUT3=0.90 V (VDDGPU)
BUCK4 ON_ HP, VOUT4=1.8 V (VDD)
BUCK5 ON_ HP, VOUT5=1.8 V (VDDA1V8)
BUCK6 ON_ HP, VOUT6=1.1 V (VDD_DDR)
LDO1 ON, VLDOOUT=1.8 V (VDD18AON)
LDO3 ON, VLDOOUT=1.8 V (VDD_DDR)
LDO4 ON, VLDOOUT=3.3 V (VDD3V3_USB)
All other regulators OFF.
All outputs without load. No activity on I²C.
2
mA
1. Current consumption, 100 µA max at Tj = -40 °C to +105 °C
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 8/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com