Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 13Page - STMicroelectronics STPMIC25 Datasheet HTML 14Page - STMicroelectronics STPMIC25 Datasheet HTML 15Page - STMicroelectronics STPMIC25 Datasheet HTML 16Page - STMicroelectronics STPMIC25 Datasheet HTML 17Page - STMicroelectronics STPMIC25 Datasheet HTML 18Page - STMicroelectronics STPMIC25 Datasheet HTML 19Page - STMicroelectronics STPMIC25 Datasheet HTML 20Page - STMicroelectronics STPMIC25 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 145 page
background image
3.4.8
REFDDR (DDR_VREF)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
REFDDR (sink-source)
VREFOUT
Output voltage
VOUT6/2
V
VVREF-ACC Output voltage accuracy
1.1 V < VOUT6 < 1.5 V, 100 µArms < ILDOOUT < 5 mArms
-1
+1
%
IREFOUT
Continuous output current
5
mARMS
IREFLIM
Output current limitation
±10
±25
±50
mA
IREFQ
Quiescent current
IREFOUT = 0 mA
25
35
µA
tSSREF
Soft-start duration
0 < IREFOUT < 1 mA
100
µs
tSDREF
Shutdown duration
Pull-down enabled, VREFOUT = 0.6 V to VREFOUT= 0.2 V,
ILDOOUT = no load
1.5
ms
3.4.9
BUCK1, BUCK6
Table 14. Electrical and timing parameter specifications (BUCK1, BUCK6)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BUCK1, BUCK6
VBUCKIN
Main input voltage
range
2.8
5.5
V
VOUT
Output voltage
Programmable value
0.5 to
1.5
Voltage programming step
10
mV
VOUT-ACC
Output voltage error
amplifier accuracy
BUCK1
HP mode
0.5 V < VOUT < 1.5 V
-1.5
+1.5
%
BUCK6
HP mode
0.5 V < VOUT6 < 1.5 V
-1.5
+1.5
BUCK1, BUCK6
LP mode
0 < IOUT < 50 mA
-4
+4
BUCK6
LP mode
VOUT6 = 1.1 V
0 < IOUT < 50 mA
-3
+3
VOUT-REG
Output load regulation
(4)
BUCK1, BUCK6
HP mode, CCM mode
1 mA < IOUT < 1.5 A
-1
+1
VOUT-RIPP
Output voltage ripple
(2)
HP mode
3.0 V < VBUCKIN < 5.5 V, 5 mA < IOUT < 1500 mA
0.7 V < VOUTBK1 < 1.0 V
1.0 V < VOUTBK6 < 1.35 V
10
mVPP
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 17/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com