Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 21Page - STMicroelectronics STPMIC25 Datasheet HTML 22Page - STMicroelectronics STPMIC25 Datasheet HTML 23Page - STMicroelectronics STPMIC25 Datasheet HTML 24Page - STMicroelectronics STPMIC25 Datasheet HTML 25Page - STMicroelectronics STPMIC25 Datasheet HTML 26Page - STMicroelectronics STPMIC25 Datasheet HTML 27Page - STMicroelectronics STPMIC25 Datasheet HTML 28Page - STMicroelectronics STPMIC25 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 145 page
background image
4
Power regulator descriptions
4.1
Overview
The STPMIC25 has a large input voltage range from 2.8 V to 5.5 V to supply applications typically from a 5 V DC
wall-adaptor or from a 1-cell 3.6 V Li-Ion/Li-PO battery.
The STPMIC25 provides all the regulators needed to power supply a complete application:
•
8 LDOs + 1 reference voltage LDO for DDR memories
•
7 step-down (buck) converters
Table 18. General description
Regulator
Output voltage (V)
Programming
step (mV)
Rated output current
(mA)
Application use
LDO1
1.8
-
20
VDDA18AON
LDO2, LDO5,
LDO6, LDO7
0.9 V to 4.0 V
bypass mode
100
400/200/100/50
General purpose
(eMMC, DDR4 VPP, SD card,
LCD camera)
LDO8
0.9 V to 4.0 V
bypass mode
100
150
General purpose
(low voltage peripheral)
LDO3
normal mode
0.9 V to 4.0 V
100
120
General purpose/lpDDR VDD1
LDO3
sink-source mode
VREFDDR
-
+/-120 (rms)
+/-230 (peak)
DDR3L/DDR4 terminations (VTT)
LDO3
bypass mode
VINLDO3
-
80
lpDDR VDD1
LDO4
3.3
-
40
VDD33USB
VDD33UCPD
VREFDDR
VOUT6 / 2
-
+/-5 (rms)
+/-10 (peak)
Reference voltage for DDR
memories
BUCK1, BUCK6
0.5 V to 1.5 V
10
2000, 1500, 1000, 500
Buck1 = VDDCPU
Buck6 = VDDQ
(DDR3L, DDR4, lpDDR3,
lpDDR4)
BUCK2, BUCK3
0.5 V to 1.5 V
10
2000, 1500, 1000, 500
Buck2 = VDDCORE
Buck3 = VDDGPU
BUCK4, BUCK5
1.5 V to 4.2 V
100
500, 250
Buck4 = VDD (VDDIO)
Buck5 = VDDA18x
BUCK7
1.5 V to 4.2 V
100
2500, 2000, 1500, 1000
General purpose
Note:
VIN is the main STPMIC25 supply. All buck converters and linear regulators have dedicated or shared power
supply pins. The dedicated VIO supply is for all digital interface pins.
Except forVBUS, no other supply voltages must be applied before VIN or set higher than VIN.
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 25/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com