Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 62Page - STMicroelectronics STPMIC25 Datasheet HTML 63Page - STMicroelectronics STPMIC25 Datasheet HTML 64Page - STMicroelectronics STPMIC25 Datasheet HTML 65Page - STMicroelectronics STPMIC25 Datasheet HTML 66Page - STMicroelectronics STPMIC25 Datasheet HTML 67Page - STMicroelectronics STPMIC25 Datasheet HTML 68Page - STMicroelectronics STPMIC25 Datasheet HTML 69Page - STMicroelectronics STPMIC25 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 145 page
background image
6.2.2
Version status register (VERSION_SR)
Table 32. VERSION_SR
7
6
5
4
3
2
1
0
MAJOR_VERSION[3:0]
MINOR_VERSION[3:0]
R
R
R
R
R
R
R
R
•
Address: 0x01
•
Default: 0x11
•
Description: PMIC version status register.
[7:4]
MAJOR_VERSION[3:0]
[3:0]
MINOR_VERSION[3:0]
6.2.3
Turn-on status register (TURN_ON_SR)
Table 33. TURN_ON_SR
7
6
5
4
3
2
1
0
FORCED
Reserved
Reserved
Reserved
AUTO
VBUS
WKUP
PKEY
R
R
R
R
R
R
R
R
•
Address: 0x02
•
Default: 0b1000xxxx where x depends on the turn-on condition
•
Description: Stores last condition, which has turned-on the PMIC.
From the NO_SUPPLY state, if the AUTO_TURN_ON bit is set in the NVM, the TURN_ON_SR [AUTO] is set.
In the OFF state, the TURN_ON_SR is cleared. When a turn-on condition occurs, the related turn-on bit is set in
TURN_ON_SR before leaving the OFF state.
The TURN_ON_SR is cleared in the POWER_DOWN state.
[7]
FORCED: The PMIC turn-on condition is triggered by the DFT option
0: False
1: True
[6:4]
reserved
[3]
AUTO: The PMIC turn-on condition is triggered by the AUTO_TURN_ON bit in the NVM. See
section Section 5.4.3.1
AUTO turn-ON.
0: False
1: True
[2]
VBUS: The PMIC turn-on condition is triggered by the VBUS signal. See Section 5.4.3.1
0: False
1: True
[1]
WKUP: The PMIC turn-on condition is triggered by the WAKEUPn signal. See Section 5.4.3.1
0: False
1: True
[0]
PKEY: The PMIC turn-on condition is triggered by the PONKEYn signal. See Section 5.4.3.1
0: False
STPMIC25
Register descriptions
DS14278 - Rev 3
page 66/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com