Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 52Page - STMicroelectronics STPMIC25 Datasheet HTML 53Page - STMicroelectronics STPMIC25 Datasheet HTML 54Page - STMicroelectronics STPMIC25 Datasheet HTML 55Page - STMicroelectronics STPMIC25 Datasheet HTML 56Page - STMicroelectronics STPMIC25 Datasheet HTML 57Page - STMicroelectronics STPMIC25 Datasheet HTML 58Page - STMicroelectronics STPMIC25 Datasheet HTML 59Page - STMicroelectronics STPMIC25 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 145 page
background image
5.4.9.2
Level 1: PMIC OCP fail-safe management
Each PMIC regulator can be set independently to trigger a hard-fault condition when an overcurrent or a short
circuit occurs:
•
When a short-circuit or an overcurrent occurs, the output current is limited to ILDOLIM (for LDO) and IBKLIM
(for buck).
•
If the SC or OC lasts more than tOCPDB_LDO or tOCPDB_BUCK (respectively for LDO or buck), the PMIC
generates a turn-OFF hard-fault condition. OCP_SR1 or OCP_SR2 is updated with the OCP fault source,
and the OCP fail-safe counter (1) is incremented (OCP_FLT_CNT ++):
–
If the OCP fail-safe counter reaches the maximum number of power cycles defined in the NVM
(OCP_FLT_CNT > OCP_FLT_CNT_MAX), the PMIC goes in FAIL_SAFE_LOCK state.
–
Alternatively, when the tHICCUP_DLY delay ends, the PMIC restarts.
1. There is a single OCP fail-safe counter (OCP_FLT_CNT) for all regulators. It is incremented each time a regulator triggers a
hard-fault regardless of the regulator instance.
5.4.10
Watchdog management
The PMIC has an internal watchdog timer. A watchdog timer expiration generates a turn-OFF hard-fault condition
(see Section 5.4.4.2 ) followed either by a PMIC restart (power cycling) or by the PMIC going into the
FAIL_SAFE_LOCK state.
The watchdog can be enabled/disabled by software or at power-up (NVM settings), respectively:
•
Software: set/reset WDG_EN bit at runtime
•
NVM: set/reset NVM_WDG_EN bit then program the NVM
The watchdog timer duration can be set in a range from 1 s to 256 s by 1 s step by setting the
WDG_TMR_SET[7:0] bit field. The default watchdog timer duration can be set in the NVM by setting
NVM_WDG_TMR_SET[1:0] then programming the NVM.
Note: Each time the NVM is reloaded (typically in the CHECK&LOAD state), the NVM_WDG_EN bit is copied into
the WDG_EN bit and the NVM_WDG_TMR_SET[1:0] bit field related duration is set into the
WDG_TMR_SET[7:0] bit field. In the POWER_ON state, the software can override the default watchdog values
(NVM) by setting the WDG_EN bit and/or the WDG_TMR_SET[7:0] bit field.
As soon as the watchdog is enabled, the software should periodically set the WDG_RST bit (self-cleared) to
reload the timer downcounter WDG_TMR_CNT[7:0] with the value defined in the WDG_TMR_SET[7:0] bit field.
The software can read the watchdog timer downcounter (WDG_TMR_CNT[7:0]) to check the remaining duration
before expiration.
A turn-OFF hard-fault condition occurs if the watchdog timer expires. The turn-off condition is followed by a
POWER_DOWN sequence either by a PMIC restart (POWER_UP then POWER_ON) or by the PMIC going into
the FAIL_SAFE_LOCK state. (See Section 5.4.5 for details about the behavior following a turn-off hard-fault
event).
Enabling the watchdog (from WDG_EN = 0 to 1) to reload the timer downcounter (WDG_TMR_CNT[7:0]) with the
value defined in the WDG_TMR_SET[7:0] bit field.
When enabled, the watchdog timer remains active in the POWER_ON state (in the RUN or in the STANDBY
state). In all other states, the watchdog timer is frozen.
The watchdog timer can be disabled at runtime by setting WDG_EN = 0. Alternatively, the watchdog timer is
automatically disabled when PMIC goes into the OFF state or the FAIL_SAFE_LOCK state (regardless of turn-
OFF condition source).
When enabled (WDG_EN = 1), the watchdog timer can be suspended automatically from one PWRCTRLx signal.
The WDG_PWRCTRL_SEL[1:0] bit field allows for the selection of the PWRCTRLx source to suspend the
watchdog. It is suitable to automatically suspend/freeze the watchdog when the application is in low power mode:
•
When PWRCTRLx is inactive (the application is running), the watchdog timer downcounter is running. The
software should set the WDG_RST bit periodically to reload the timer downcounter.
•
When PWRCTRLx is active (the application is in low-power mode), the watchdog timer downcounter is
suspended (frozen). When PWRCTRLx becomes inactive (the application leaves the low-power mode), the
watchdog downcounter restarts from the current WDG_TMR_CNT[7:0] value (counter
WDG_TMR_CNT[7:0] is not reloaded from WDG_TMR_SET[7:0] value).
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 56/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com