Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 2 Page - STMicroelectronics

  STPMIC25 Datasheet HTML 1Page - STMicroelectronics STPMIC25 Datasheet HTML 2Page - STMicroelectronics STPMIC25 Datasheet HTML 3Page - STMicroelectronics STPMIC25 Datasheet HTML 4Page - STMicroelectronics STPMIC25 Datasheet HTML 5Page - STMicroelectronics STPMIC25 Datasheet HTML 6Page - STMicroelectronics STPMIC25 Datasheet HTML 7Page - STMicroelectronics STPMIC25 Datasheet HTML 8Page - STMicroelectronics STPMIC25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 145 page
background image
1
Device configuration table
The STPMIC25 has a non-volatile memory (NVM) that enables scalability to support a wide range of applications:
•
Default output voltage, POWER_UP/POWER_DOWN sequence, protection behavior, auto turn-on
functionality, and an I²C slave address.
•
The STPMIC25A and STPMIC25B are preprogrammed devices to support the STM32MP2 series
application processor versions.
•
Straightforward NVM reprogramming via I²C to facilitate mass production directly in target applications.
•
Possibility to lock NVM content to prevent further reprogramming by writing LOCK_NVM bit.
Table 1. Default configuration table
Default configuration table
STPMIC25A
STPMIC25B
Default output
voltage
Default output current Rank
Default output
voltage
Default output current Rank
LDO1
1.8 V
20 mA OCP level1
1
1.80 V
20 mA OCP level1
1
LDO2
3.3 V
0.4 A OCP level0
4
2.90 V
0.4 A OCP level0
4
LDO3
-
-
0
-
-
0
LDO4
3.3 V
40 mA OCP level0
5
3.30 V
40 mA OCP level0
5
LDO5
-
-
0
-
-
0
LDO6
-
-
0
-
-
0
LDO7
-
-
0
-
-
0
LDO8
-
-
0
-
-
0
VREFDDR
-
-
0
-
-
0
BUCK1
0.80 V
1.0 A OCP level1
3
0.80 V
1.0 A OCP level1
3
BUCK2
0.82 V
2.0 A OCP level1
2
0.82 V
2.0 A OCP level1
2
BUCK3
-
-
0
-
-
0
BUCK4
3.3 V
0.5 A OCP level1
1
1.80 V
0.5 A OCP level1
1
BUCK5
1.8 V
0.5 A OCP level1
3
1.80 V
0.5 A OCP level1
3
BUCK6
-
-
0
-
-
0
BUCK7
3.3 V
2.5 A OCP level0
4
-
-
0
VINOK_Rise
4.0 V
-
3.3 V
-
VINOK_Fall
3.5 V
-
2.8 V
-
All output voltages with Rank = 0 are, by default, programmed with 0 Dec, (refer to Table 19 and Table 20.
The startup sequence is split into four steps (Rank0 to Rank5).
Each BUCK converter or LDO regulator can be programmed to be automatically turned ON in one of these
phases. Each rank phase is separated by a delay (1.5 ms, 3 ms, 4.5 ms, or 6 ms) programmed in the NVM:
•
Rank = 0: rail not turned ON automatically, no output voltage appears after POWER-UP
•
Rank = 1: rail automatically turned ON after 7 ms following a turn_ON condition
•
Rank = 2: rail automatically turned ON after a further 1.5 ms (by default)
•
Rank = 3: rail automatically turned ON after a further 1.5 ms (by default)
•
Rank = 4: rail automatically turned ON after a further 1.5 ms (by default)
•
Rank = 5: rail automatically turned ON after a further 1.5 ms (by default)
Whatever the STPMIC25 version, the AUTO_TURN_ON option is set.
STPMIC25
Device configuration table
DS14278 - Rev 3
page 2/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com