Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 91Page - STMicroelectronics STPMIC25 Datasheet HTML 92Page - STMicroelectronics STPMIC25 Datasheet HTML 93Page - STMicroelectronics STPMIC25 Datasheet HTML 94Page - STMicroelectronics STPMIC25 Datasheet HTML 95Page - STMicroelectronics STPMIC25 Datasheet HTML 96Page - STMicroelectronics STPMIC25 Datasheet HTML 97Page - STMicroelectronics STPMIC25 Datasheet HTML 98Page - STMicroelectronics STPMIC25 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 145 page
background image
6.5.6
LDOx MAIN mode control register (LDOx_MAIN_CR) (x = 2/5/6/7/8)
Table 59. LDOx_MAIN_CR
7
6
5
4
3
2
1
0
reserved
BYPASS
VOUT[4:0]
EN
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x4F/0x58/0x5B/0x5E/0x61
•
Default: 0b0XXXXXXX where X depends on the value programmed in NVM
•
Description: LDO2/LDO5/LDO6/LDO7/LDO8 MAIN mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable, bypass mode, and set the voltage of the related LDO instance which is applied to the MAIN mode
(see Section 5.4.6
[7]
reserved
[6]
BYPASS: select bypass mode operation
0: LDOx operates in normal mode
1: LDOx operates in bypass mode
The default value is defined by the BYPASS bit of the NVM_LDOx_SHR NVM shadow register
[5:1]
VOUT[4:0]: LDOx output voltage settings. See Section 4.2.6
The default value is defined in the VOUT[4:0] bit field of NVM_LDOx_SHR NVM shadow registers
[0]
EN:
0: LDOx is disabled
1: LDOx is enabled
The default value is defined in the LDOx_RANK[2:0] bit field of the NVM_LDOs_RANK_SHR NVM shadow registers. If
LDOx_RANK[2:0] = 0, LDOx is disabled at power up; if LDOx_RANK[2:0] = y (with 6 > y > 0) LDOx is enabled at power
up at rank y (see Section 5.2)
STPMIC25
Register descriptions
DS14278 - Rev 3
page 95/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com