Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 73Page - STMicroelectronics STPMIC25 Datasheet HTML 74Page - STMicroelectronics STPMIC25 Datasheet HTML 75Page - STMicroelectronics STPMIC25 Datasheet HTML 76Page - STMicroelectronics STPMIC25 Datasheet HTML 77Page - STMicroelectronics STPMIC25 Datasheet HTML 78Page - STMicroelectronics STPMIC25 Datasheet HTML 79Page - STMicroelectronics STPMIC25 Datasheet HTML 80Page - STMicroelectronics STPMIC25 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 145 page
background image
6.3
Control registers
6.3.1
Main control register (MAIN_CR)
Table 42. MAIN_CR
7
6
5
4
3
2
1
0
1
STANDBY_PWRCTRL_SEL[1:0]
PWRCTRL3_POL
PWRCTRL2_POL
PWRCTRL1_POL RREQ_EN SWOFF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x10
•
Default: 0b10000000
•
Description: main control register (see Table 26 ). This register is initialized to the default value in the
CHECK&LOAD state.
[7]
reserved: should be written to '1'
[6:5]
STANDBY_PWRCTRL_SEL[1:0]: Source selection to switch to the PMIC state machine in the
RUN state or the STANDBY state.
(only valid in the POWER_ON state)
00: No source (the PMIC operates in the RUN state)
01: PWRCTRL1 control source
10: PWRCTRL2 control source
11: PWRCTRL3 control source
(PWRCTRLx inactive: RUN state; PWRCTRLx active: STANDBY state)
[4]
PWRCTRL3_POL: specifies PWRCTRL3 pin polarity.
0: PWRCTRL3 active low
1: PWRCTRL3 active high
(see Table 26)
[3]
PWRCTRL2_POL: specifies PWRCTRL2 pin polarity.
0: PWRCTRL2 active low
1: PWRCTRL2 active high
(see Table 26)
[2]
PWRCTRL1_POL: specifies PWRCTRL1 pin polarity.
0: PWRCTRL1 active low
1: PWRCTRL1 active high
(see Table 26)
[1]
RREQ_EN: Allows the PMIC power cycle when the software switch OFF bit is (SWOFF) set.
0: PMIC goes in OFF state when SWOFF bit is set
1: PMIC performs a power cycle when the SWOFF bit is set
[0]
SWOFF: Software switch OFF bit.
0: no effect
1: switch-OFF requested (turn-off condition). The PMIC goes into the POWER_DOWN state
immediately.
STPMIC25
Register descriptions
DS14278 - Rev 3
page 77/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com