Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 15Page - STMicroelectronics STPMIC25 Datasheet HTML 16Page - STMicroelectronics STPMIC25 Datasheet HTML 17Page - STMicroelectronics STPMIC25 Datasheet HTML 18Page - STMicroelectronics STPMIC25 Datasheet HTML 19Page - STMicroelectronics STPMIC25 Datasheet HTML 20Page - STMicroelectronics STPMIC25 Datasheet HTML 21Page - STMicroelectronics STPMIC25 Datasheet HTML 22Page - STMicroelectronics STPMIC25 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSD_BCK
Shutdown duration
From VOUT = 1.5 V to VOUT < 0.2 V, 2.8 V < VBUCKIN < 5.5 V, IOUT <
1 mA Fast PD
ms
1
0.3
1. Guaranteed by design - not tested in production. Load transient performances are strongly impacted by the external passive component
characteristics. The load transient is also influenced by the parasitic elements of the PCB layout. For more info see the forthcomingAN.
2. Output ripple voltage is the result of the inductor ripple current flowing through the output capacitor and depends on the capacitance value,
ESR, and ESL. The actual output ripple voltage is also influenced by the parasitic elements of the PCB layout.
3. See 1: startup sequence
4. Guaranteed by design - not tested in production
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 19/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com