Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 95Page - STMicroelectronics STPMIC25 Datasheet HTML 96Page - STMicroelectronics STPMIC25 Datasheet HTML 97Page - STMicroelectronics STPMIC25 Datasheet HTML 98Page - STMicroelectronics STPMIC25 Datasheet HTML 99Page - STMicroelectronics STPMIC25 Datasheet HTML 100Page - STMicroelectronics STPMIC25 Datasheet HTML 101Page - STMicroelectronics STPMIC25 Datasheet HTML 102Page - STMicroelectronics STPMIC25 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 145 page
background image
6.5.11
LDO3 MAIN mode control register (LDO3_MAIN_CR)
Table 64. LDO3_MAIN_CR
7
6
5
4
3
2
1
0
SNK_SRC
BYPASS
VOUT[4:0]
EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x52
•
Default: 0bXXXXXXXX where X depends on the value programmed in the NVM
•
Description: LDO3 MAIN mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable, bypass mode or SNK_SRC mode, and set the voltage of LDO3, which is applied to the MAIN
mode (see Section 5.4.6.
[7]
SNK_SRC: select sink/source mode operation (see Section 4.2.3 )
0: LDO3 operates in normal or bypass mode
1: LDO3 operates in sink/source mode
The default value is defined by the SNK_SRC bit of the NVM_LDO3_SHR NVM shadow register
Note: the SNK_SRC bit has higher priority than the BYPASS mode operation (in the case that both bits are set at the
same time)
[6]
BYPASS: select bypass mode operation
0: LDO3 operates in normal mode
1: LDO3 operates in bypass mode
The default value is defined by the BYPASS bit of the NVM_LDO3_SHR NVM shadow register
[5:1]
VOUT[4:0]: LDO3 output voltage settings. See Section 4.2.6
The default value is defined in the VOUT[4:0] bit field of the NVM_LDO3_SHR NVM shadow registers
[0]
EN:
0: LDO3 is disabled
1: LDO3 is enabled
The default value is defined in the LDO3_RANK[2:0] bit field of the NVM_LDOs_RANK_SHR2 NVM shadow registers. If
LDO3_RANK[2:0] = 0, LDO3 is disabled at power up; if LDO3_RANK[2:0] = y (with 6 > y > 0) LDO3 is enabled at power
up at rank y (see Section 5.2)
STPMIC25
Register descriptions
DS14278 - Rev 3
page 99/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com