Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 98Page - STMicroelectronics STPMIC25 Datasheet HTML 99Page - STMicroelectronics STPMIC25 Datasheet HTML 100Page - STMicroelectronics STPMIC25 Datasheet HTML 101Page - STMicroelectronics STPMIC25 Datasheet HTML 102Page - STMicroelectronics STPMIC25 Datasheet HTML 103Page - STMicroelectronics STPMIC25 Datasheet HTML 104Page - STMicroelectronics STPMIC25 Datasheet HTML 105Page - STMicroelectronics STPMIC25 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 145 page
background image
6.5.14
LDO4 ALTERNATE mode control register (LDO4_ALT_CR)
Table 67. LDO4_ALT_CR
7
6
5
4
3
2
1
0
INPUT_SRC[1:0]
reserved
reserved
reserved
reserved
reserved
EN
R/W
R/W
R
R
R
R
R
R/W
•
Address: 0x56
•
Default: 0b0000000X where X depends on the value programmed in the NVM
•
Description: LDO4 ALTERNATE mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable or to force the power input source of LDO4, which is applied to the ALTERNATE mode (see
Section 5.4.6).
[7:6]
INPUT_SRC[1:0]: force power input source
00: automatic input source selection (the higher voltage is automatically selected)
01: supply input source is VIN
10: supply input source is VBUS
11: automatic input source selection (the higher voltage is automatically selected)
[5:1]
reserved
[0]
EN:
0: LDO4 is disabled
1: LDO4 is enabled
The default value is the same as LDO4_MAIN_CR
STPMIC25
Register descriptions
DS14278 - Rev 3
page 102/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com