Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 101Page - STMicroelectronics STPMIC25 Datasheet HTML 102Page - STMicroelectronics STPMIC25 Datasheet HTML 103Page - STMicroelectronics STPMIC25 Datasheet HTML 104Page - STMicroelectronics STPMIC25 Datasheet HTML 105Page - STMicroelectronics STPMIC25 Datasheet HTML 106Page - STMicroelectronics STPMIC25 Datasheet HTML 107Page - STMicroelectronics STPMIC25 Datasheet HTML 108Page - STMicroelectronics STPMIC25 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 145 page
background image
6.6
Interrupt registers
6.6.1
Interrupt management overview
Interrupts are probed in the POWER_ON state only. All interrupts are masked by default. All interrupt registers are
reset to the default value as long as RSTn is asserted.
•
INT_PENDING_Rx
–
Stores events of interrupt sources, regardless if the interrupts are masked or not masked.
–
Corresponding bits are kept set until they are cleared (using INT_CLEAR_Rx registers).
•
INT_CLEAR_Rx
–
Setting a bit in these registers clears the corresponding pending bit in the INT_PENDING_Rx
registers. A bit in the INT_PENDING_Rx registers can be cleared only if the corresponding interrupt
source disappears. Alternatively, the bit stays set after being cleared. In the case of the
INT_PENDING_Rx bit generated by edge triggering, they can be directly deleted without checking
the INT_SOURCE_RX.
•
INT_MASK_Rx
–
Clearing a bit in these registers unmasks the corresponding interrupt.
–
The INTn pin is forced low as long as the corresponding interrupt bit is set in INT_PENDING_Rx.
•
INT_SOURCE_Rx
–
These registers provide the actual state of interrupt sources.
–
If an interrupt source is present, the corresponding bit is set. If the interrupt source disappears, the
corresponding bit is cleared.
•
INT_DBG_LATCH_Rx
–
Setting a bit in these registers emulates the corresponding interrupt event. These registers aim to test
and to debug the application processor software interrupt handler.
6.6.2
Interrupt pending register 1 (INT_PENDING_R1)
Table 71. INT_PENDING_R1
7
6
5
4
3
2
1
0
VBUS_RI
VBUS_FA
VINLOW_RI
VINLOW_FA
WKP_RI
WKP_FA
PKEY_RI
PKEY_FA
R
R
R
R
R
R
R
R
•
Address: 0x70
•
Default: 0x00
•
Description: Interrupt pending register 1 (see Section 6.6.1).
This register is reset to the default value as long as RSTn is asserted.
For all bits:
0: interrupt not pending
1: interrupt pending
[7]
VBUS_RI: Voltage on the VBUS pin rises above the VBUS_Rise threshold
[6]
VBUS_FA: Voltage on the VBUS pin falls below the VBUS_Fall threshold
[5]
VINLOW_RI: Voltage on the VIN pin falls below the VINLOW_Rise threshold
[4]
VINLOW_FA: Voltage on the VIN pin rises above the VINLOW_Fall threshold
[3]
WKP_RI: WAKEUP rising edge
[2]
WKP_FA: WAKEUP falling edge
[1]
PKEY_RI: PONKEYn rising edge
[0]
PKEY_FA: PONKEYn falling edge
STPMIC25
Register descriptions
DS14278 - Rev 3
page 105/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com