Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 66Page - STMicroelectronics STPMIC25 Datasheet HTML 67Page - STMicroelectronics STPMIC25 Datasheet HTML 68Page - STMicroelectronics STPMIC25 Datasheet HTML 69Page - STMicroelectronics STPMIC25 Datasheet HTML 70Page - STMicroelectronics STPMIC25 Datasheet HTML 71Page - STMicroelectronics STPMIC25 Datasheet HTML 72Page - STMicroelectronics STPMIC25 Datasheet HTML 73Page - STMicroelectronics STPMIC25 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 145 page
background image
6.2.6
Overcurrent protection status register 1 (OCP_SR1)
Table 35. Overcurrent protection status register 1 (OCP_SR1)
7
6
5
4
3
2
1
0
OCP_REFDDR OCP_BUCK7 OCP_BUCK6 OCP_BUCK5 OCP_BUCK4 OCP_BUCK3 OCP_BUCK2 OCP_BUCK1
R
R
R
R
R
R
R
R
•
Address: 0x05
•
Default: 0bxxxxxxxx where x depends on regulator that has triggered the OCP.
•
Description: If the PMIC turned OFF or restarted due to an OCP from regulator, OCP_SR1 or OCP_SR2
store the regulator instance that triggered the OCP.
The OCP_SR1 register is reset in the POWER_DOWN state. If an OCP hard-fault condition occurred, then the
OCP_SR1 register is set before leaving the POWER_DOWN state (see Section 5.4.9 and Section 5.4.4 and
Section 5.1.2).
[7]
OCP_REFDDR: Last turn-off or restart is due to overcurrent protection on REFDDR.
0: False
1: True
[6]
OCP_BUCK7: Last turn-off or restart is due to overcurrent protection on BUCK7.
0: False
1: True
[5]
OCP_BUCK6: Last turn-off or restart is due to overcurrent protection on BUCK6.
0: False
1: True
[4]
OCP_BUCK5: Last turn-off or restart is due to overcurrent protection on BUCK5.
0: False
1: True
[3]
OCP_BUCK4: Last turn-off or restart is due to overcurrent protection on BUCK4.
0: False
1: True
[2]
OCP_BUCK3: Last turn-off or restart is due to overcurrent protection on BUCK3.
0: False
1: True
[1]
OCP_BUCK2: Last turn-off or restart is due to overcurrent protection on BUCK2.
0: False
1: True
[0]
OCP_BUCK1: Last turn-off or restart is due to overcurrent protection on BUCK1.
0: False
1: True
STPMIC25
Register descriptions
DS14278 - Rev 3
page 70/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com