Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 14Page - STMicroelectronics STPMIC25 Datasheet HTML 15Page - STMicroelectronics STPMIC25 Datasheet HTML 16Page - STMicroelectronics STPMIC25 Datasheet HTML 17Page - STMicroelectronics STPMIC25 Datasheet HTML 18Page - STMicroelectronics STPMIC25 Datasheet HTML 19Page - STMicroelectronics STPMIC25 Datasheet HTML 20Page - STMicroelectronics STPMIC25 Datasheet HTML 21Page - STMicroelectronics STPMIC25 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT-RIPP
Output voltage ripple
(2)
HP mode, IOUT = 750 mA
mVPP
3
LP mode, 0.5 mA < IOUTBK6 < 50 mA
3.0 V < VBUCKIN < 4.2 V
VOUT6 = 1.110 V
10 (2)
IOUT_LP_PEAK
Peak output current in
LP mode
2.8 V < VBUCKIN < 5.5 V, tPEAK < 1 ms
200
mA
IBCKLIM
Inductor peak current
limit (with typical BoM
list)
Programmable value in NVM_BUCKS_IOUT_SHR
Ref. Table 1. Default configuration table NVM setting A and B version
Max output current steps (0.5 A, 1 A, 1.5 A, 2 A) can be defined based
on the selected inductor peak current limit level
1.2
1.8
2.5
3.0
1.5
2.1
2.8
3.3
1.8
2.4
3.1
3.6
A
fREFCLK
Reference switching
frequency
CCM mode
2
MHz
IQ_BCK
Total quiescent current
IOUT = 0 mA, HP mode
115
300
µA
IOUT = 0 mA, LP mode
30
80
IBUCKIN_LKG Input leakage current
BUCK OFF, Tj = 25 °C
1
1.5
EFFBCK
Efficiency
VBUCKIN = 5 V, VOUT = 0.9 V, HP mode
%
IOUT = 10 mA
78
IOUT = 100 mA
80
IOUT = 300 mA (best efficiency load)
80
IOUT = 1000 mA
79
IOUT = 1500 mA
76
VOUT-LO
Load transient
regulation (4)
HP mode
3.0 V < VBUCKIN < 5.5 V
5 mA < IOUT< 1.5 A
ΔIOUT = 560 mA, tR = tF ~500 ns
30
mV
LP mode, 0 < IOUT < 50 mA ΔIOUT = 50 mA, tR = tF ~500 ns
30
LP mode, 3.0 V < VBUCKIN < 5.5 V,
VOUTBK6 = 1.110 V
ΔIOUT = 10 mA, tR = tF ~500 ns
15
VOUT-LI
Line transient
regulation
ΔVBKIN = 600 mV, ΔIOUT = 500 mA tR = tF~10 μs, HP mode
2
VOUT-OVR
Power-up overshoot
2.8 V < VBKIN < 5.5 V, IOUT~1 mA TA = +25 °C, 0.5 V < VOUT < 1.5 V
5
tLP-HP-BCK
Recovery time from LP
to HP mode
VOUT_LP = VOUT_HP
60(4)
µs
tSU_BCK
Startup delay (delay
before voltage starts to
rise)
Delay time from PWRCTRL signal (PWRCTRL_DLY = 0)
25 (3)
40. (4)
µs
tSS_BCK
Soft-start duration
235
400
µs
SRBCK
Output voltage slew
rate
Slew rate during startup
3.7
6.3
mV/µs
DVS slew rate of a voltage programmed change low to high or high to
low, from VOUT = 0.5 V to 1.5 V
1
3.1
mV/µs
tSD_BCK
Shutdown duration
From VOUT =1.5 V to VOUT < 0.2 V, 2.8 V < VBUCKIN < 5.5 V, IOUT <
1 mA slow PD
1.5
ms
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 18/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com