Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 20Page - STMicroelectronics STPMIC25 Datasheet HTML 21Page - STMicroelectronics STPMIC25 Datasheet HTML 22Page - STMicroelectronics STPMIC25 Datasheet HTML 23Page - STMicroelectronics STPMIC25 Datasheet HTML 24Page - STMicroelectronics STPMIC25 Datasheet HTML 25Page - STMicroelectronics STPMIC25 Datasheet HTML 26Page - STMicroelectronics STPMIC25 Datasheet HTML 27Page - STMicroelectronics STPMIC25 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
1.8 V < VOUT < 3.3 V, HP mode
mV
VOUT-OVR
Power-up overshoot
2.8 V < VBUCKIN < 5.5 V, IOUT = 1 mA, TA = 25 °C
1.5 V < VOUT< 4.2 V
5
tLP-HP-BCK
Recovery time from
LP to HP mode
VOUT_LP = VOUT_HP
60 (4)
µs
tSU_BCK
Startup delay (delay
before voltage starts
to rise)
Delay time from PWRCTRL signal
(PWRCTRL_DLY =0)
25 (3)
40 (4)
µs
tSS_BCK
Soft-start duration
2.8 V < VBUCKIN<5.5 V
1 mA < IOUT <100 mA
VOUT=4.2 V
235
400
µs
SRBCK
Output voltage slew
rate
Slew rate during startup
10.3
17.5
mV/µs
DVS slew rate of a voltage programmed change low to high or high to
low, from VOUT = 1.5 V to 4.2 V
2
3.1
tSD_BCK
Shutdown duration
From VOUT = 3.3 V to VOUT < 0.2 V,
2.8 V < VBUCKIN < 5.5 V, IOUT < 1 mA
slow PD
1.5
ms
From VOUT = 3.3 V to VOUT < 0.2 V,
2.8 V < VBUCKIN < 5.5 V, IOUT < 1 mA
fast PD
0.3
1. Guaranteed by design - not tested in production. Load transient performances are strongly impacted by the external passive components
characteristics. The load transient is also influenced by the parasitic elements of the PCB layout. For more info see the forthcoming AN.
2. The output ripple voltage is the result of the inductor ripple current flowing through the output capacitor and depends on the capacitance
value, ESR, and ESL. The actual output ripple voltage is also influenced by the parasitic elements of the PCB layout.
3. See 1: startup sequence.
4. Guaranteed by design - not tested in production.
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 24/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com