Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 88Page - STMicroelectronics STPMIC25 Datasheet HTML 89Page - STMicroelectronics STPMIC25 Datasheet HTML 90Page - STMicroelectronics STPMIC25 Datasheet HTML 91Page - STMicroelectronics STPMIC25 Datasheet HTML 92Page - STMicroelectronics STPMIC25 Datasheet HTML 93Page - STMicroelectronics STPMIC25 Datasheet HTML 94Page - STMicroelectronics STPMIC25 Datasheet HTML 95Page - STMicroelectronics STPMIC25 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
6.5
Power supply control registers
6.5.1
BUCKx MAIN mode control register 1 (BUCKx_MAIN_CR1) (x = 1 to 7)
7
6
5
4
3
2
1
0
reserved
VOUT[6:0]
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x20/0x25/0x2A/0x2F/0x34/0x39/0x3E
•
Default: 0b0XXXXXXX where X depends on the value programmed in the NVM
•
Description: BUCK1 to BUCK7 MAIN mode control register 1.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
set the voltage of BUCKx, which is applied to the MAIN mode (see Section 5.4.6 and 0 BUCKconverter).
[7]
reserved
[6:0]
VOUT[6:0]: Buck output voltage settings. See Table 25. BUCK output voltage settings.
The default value is defined in the BUCKx_VOUT[2:0] bit field of NVM_BUCKs_VOUT_SHRx NVM shadow registers.
6.5.2
BUCKx MAIN mode control register 2 (BUCKx_MAIN_CR2) (x = 1 to 7)
Table 55. BUCKx_MAIN_CR2
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
reserved
PREG_MODE[1:0]
EN
R
R
R
R
R
R/W
R/W
R/W
•
Address: 0x21/0x26/0x2B/0x30/0x35/0x3A/0x3F
•
Default: 0b00000XXX where X depends on the value programmed in NVM
•
Description: BUCK1 to BUCK7 MAIN mode control register 2.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control the enable and regulation modes of BUCKx, which are applied to the MAIN mode (see Section 5.4.6 and 0
BUCKconverter).
[7:3]
reserved
[2:1
PREG_MODE: select regulation mode
00: BUCKx operates in high power mode (HP)
01: BUCKx operates in low power mode (LP)
10: BUCKx operates in forced PWM mode (CCM)
11: reserved
[0]
EN:
0: BUCKx is disabled
1: BUCKx is enabled
The default value is defined in the BUCKx_RANK[2:0] bit field of NVM_BUCKs_RANK_SHR NVM shadow registers. If
BUCKx_RANK[2:0] = 0, BUCKx is disabled at power up; if BUCKx_RANK[2:0] = y (with 6 > y > 0) BUCKx is enabled at
power up at rank y (see Section 5.2)
STPMIC25
Register descriptions
DS14278 - Rev 3
page 92/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com