Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 75Page - STMicroelectronics STPMIC25 Datasheet HTML 76Page - STMicroelectronics STPMIC25 Datasheet HTML 77Page - STMicroelectronics STPMIC25 Datasheet HTML 78Page - STMicroelectronics STPMIC25 Datasheet HTML 79Page - STMicroelectronics STPMIC25 Datasheet HTML 80Page - STMicroelectronics STPMIC25 Datasheet HTML 81Page - STMicroelectronics STPMIC25 Datasheet HTML 82Page - STMicroelectronics STPMIC25 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
6.3.3
PONKEYn long key press control register (PKEY_LKP_CR)
Table 44. PKEY_LKP_CR
7
6
5
4
3
2
1
0
PKEY_LKP_OFF
PKEY_LKP_FSLS
reserved
reserved
PKEY_LKP_TMR[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x12
•
Default: 0bXX00XXXX where X depends on the value programmed in the NVM
•
Description: PONKEYn long key press control register. This register is initialized to the default value in the
CHECK&LOAD state.
[7]]
PKEY_LKP_OFF: (see Section 5.4.4 )
0: no effect
1: A PONKEYn long key press triggers a turn-off condition
Default value is defined by NVM_PKEY_LKP_OFF NVM bit
[6]
PKEY_LKP_FSLS: (see Section 5.4.5.2 )
0: no effect
1: A PONKEYn long key press allows the PMIC to go from the FAIL_SAFE_LOCK state to the
OFF state
Default value is defined by the NVM_PKEY_LKP_FSLS NVM bit
[5:4]
reserved
[3:0]
PKEY_LKP_TMR[3:0]: PONKEYn long key press timer duration
0000: 1 s
0001: 2 s
0010: 3 s
0011: 4 s
0100: 5 s
0101: 6 s
0110: 7 s
0111: 8 s
1000: 9 s
1001: 10 s
1010: 11 s
1011: 12 s
1100: 13 s
1101: 14 s
1110: 15 s
1111: 16 s
Default value is defined by the NVM_PKEY_LKP_TMR[1:0] NVM bit field
STPMIC25
Register descriptions
DS14278 - Rev 3
page 79/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com