Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 55Page - STMicroelectronics STPMIC25 Datasheet HTML 56Page - STMicroelectronics STPMIC25 Datasheet HTML 57Page - STMicroelectronics STPMIC25 Datasheet HTML 58Page - STMicroelectronics STPMIC25 Datasheet HTML 59Page - STMicroelectronics STPMIC25 Datasheet HTML 60Page - STMicroelectronics STPMIC25 Datasheet HTML 61Page - STMicroelectronics STPMIC25 Datasheet HTML 62Page - STMicroelectronics STPMIC25 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 145 page
background image
5.5.2.2
NVM write operation (PMIC customization)
The NVM write operation can be performed by the I²C interface for customization purposes (see max cycles in
NVMEND).
The writing procedure can be performed in two ways:
•
Customizing a pre-programmed device directly from the application host processor via the I²C interface
•
NVM write operation generic sequence:
1. Apply VIN to the application: the PMIC goes into the POWER_ON state (1)
2. Write NVM shadow registers with expected customization values
3. Initiate a “NVM program operation” command - write NVM_CMD[1:0] = ‘01’
4. Wait for the NVM write operation to be completed: wait for NVM_BUSY to become 0
5. Check for the NVM write operation to succeed: NVM_WRITE_FAIL = 0 in NVM_SR
6. Check new NVM content by initiating an NVM read operation: write NVM_CMD[1:0] = ‘10’ and wait for
NVM_BUSY to become 0
7. A power OFF/ON cycle is needed to load the new NVM content
The following conditions should be fulfilled to allow an NVM write operation:
•
VIN must be minimum VNVM_PROG
The NVM write operation works at least in the POWER_ON state to allow the application to reprogram the
NVM at runtime (via I²C). Writing into NVM shadow registers does not affect NVM content until the NVM
write operation is executed.
WARNING: If VIN goes below VNVM_PROG during the write operation, the NVM content integrity may be
corrupted and the PMIC may not start up anymore.
1. The PMIC has the AUTO_TURN_ON bit set by default to power up automatically. This is to allow the NVM write operation
without generating turn-on conditions. (TBC)
5.5.2.3
I²C address:
Special attention must be given when a new I²C address needs to be programmed.
When a different I²C address is written in NVM_I²C_ADDR_SHR, this new address becomes effective only after a
“NVM write operation” after reloading the NVM (INIT&LOAD or CHECK&LOAD state).
If a “NVM write operation” is not performed following the I²C address change in the shadow register, the
previously programmed I²C address is loaded from the NVM during the next POWER_UP sequence.
5.5.2.4
LOCK_NVM write operation
When the PMIC is customized with the LOCK_NVM bit set into the NVM_I²C_ADD_SHR followed by a
programing command (NVM_CMD[1:0] = 0b01), then the NVM write operation becomes disabled immediately.
Any new programing command execution is ignored and set NVM_WRITE_FAIL bit in NVM_SR.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 59/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com